Electronic Components Datasheet Search |
|
RTBV361BCSDED6K025S Datasheet(PDF) 5 Page - ITT Industries |
|
RTBV361BCSDED6K025S Datasheet(HTML) 5 Page - ITT Industries |
5 / 6 page L–36 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com L C&K RTBV Series 1-2 Pole Coded Rotary Switches STOPS MOUNTING STYLE L 3/8-32 UNEF-2A O-Ring Seal .236 DIA. (6,0) .157 (5,0) .236 DIA. (6,0) (NONE) S WITHOUT B STOP WITH NUMBER OF POSITIONS D63 6.35 mm (.250) D6 6 mm (.236) DE SEALED BUSHING FOR PANEL MOUNT AD STANDARD BUSHING FOR PANEL MOUNT M10X5 FLAT EXAMPLE: 108B08 STOP AT 8TH POSITION SHAFT DIAMETER OPTION OF SHAFT |
Similar Part No. - RTBV361BCSDED6K025S |
|
Similar Description - RTBV361BCSDED6K025S |