Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLV194 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLV194
Description  UHF power transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV194 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLV194 Datasheet HTML 1Page - NXP Semiconductors BLV194 Datasheet HTML 2Page - NXP Semiconductors BLV194 Datasheet HTML 3Page - NXP Semiconductors BLV194 Datasheet HTML 4Page - NXP Semiconductors BLV194 Datasheet HTML 5Page - NXP Semiconductors BLV194 Datasheet HTML 6Page - NXP Semiconductors BLV194 Datasheet HTML 7Page - NXP Semiconductors BLV194 Datasheet HTML 8Page - NXP Semiconductors BLV194 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
January 1993
2
Philips Semiconductors
Product specification
UHF power transistor
BLV194
FEATURES
• Emitter-ballasting resistors for an
optimum temperature profile
• Gold metallization ensures
excellent reliability.
DESCRIPTION
NPN silicon planar epitaxial transistor
intended for common emitter
class-AB operation in the 900 MHz
communications band.
The transistor has a SOT171 flange
envelope with a ceramic cap.
All leads are isolated from the
mounting base.
PINNING - SOT171
PIN
DESCRIPTION
1
emitter
2
emitter
3
base
4
collector
5
emitter
6
emitter
QUICK REFERENCE DATA
RF performance at Th = 25 °C in a common emitter test circuit.
MODE OF
OPERATION
f
(MHz)
VCE
(V)
PL
(W)
Gp
(dB)
ηC
(%)
CW, class-AB
900
12.5
16
≥ 7
≥ 50
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided
that the BeO disc is not damaged. All persons who handle, use or dispose of
this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to
the regulations applying at the location of the user. It must never be thrown
out with the general or domestic waste.
handbook, halfpage
e
c
b
MBB012
Fig.1 Simplified outline and symbol.
alfpage
MBA931 - 1
1
3
5
2
4
6
Top view


Similar Part No. - BLV194

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLV193 PHILIPS-BLV193 Datasheet
108Kb / 14P
   UHF power transistor
March 1993
More results

Similar Description - BLV194

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLU60-12 PHILIPS-BLU60-12 Datasheet
59Kb / 10P
   UHF power transistor
March 1986
logo
Motorola, Inc
MRA0510-50H MOTOROLA-MRA0510-50H Datasheet
60Kb / 4P
   UHF POWER TRANSISTOR
logo
NXP Semiconductors
BFG21W PHILIPS-BFG21W Datasheet
116Kb / 12P
   UHF power transistor
1998 Jul 06
BLT61 PHILIPS-BLT61 Datasheet
55Kb / 8P
   UHF power transistor
1998 Jan 28
BLV193 PHILIPS-BLV193 Datasheet
108Kb / 14P
   UHF power transistor
March 1993
BLV920 PHILIPS-BLV920 Datasheet
109Kb / 12P
   UHF power transistor
1997 Nov 17
BLV934 PHILIPS-BLV934 Datasheet
75Kb / 12P
   UHF power transistor
1995 Apr 11
BLV98CE PHILIPS-BLV98CE Datasheet
62Kb / 11P
   UHF power transistor
March 1993
BLW90 PHILIPS-BLW90 Datasheet
58Kb / 11P
   UHF power transistor
August 1986
logo
Motorola, Inc
TP3021 MOTOROLA-TP3021 Datasheet
88Kb / 4P
   UHF Power Transistor
logo
New Jersey Semi-Conduct...
BLT53 NJSEMI-BLT53 Datasheet
123Kb / 4P
   UHF power transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com