Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDM-25SBSM7-L61A174 Datasheet(PDF) 3 Page - ITT Industries

Part # MDM-25SBSM7-L61A174
Description  Micro-D PCB - .050 Contact Spacing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MDM-25SBSM7-L61A174 Datasheet(HTML) 3 Page - ITT Industries

  MDM-25SBSM7-L61A174 Datasheet HTML 1Page - ITT Industries MDM-25SBSM7-L61A174 Datasheet HTML 2Page - ITT Industries MDM-25SBSM7-L61A174 Datasheet HTML 3Page - ITT Industries MDM-25SBSM7-L61A174 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Micro-D PCB - .050" Contact Spacing
MDM-PCB
BR (Board Right Angle) Series
20
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
.300
(7.62)
PCB Termination Arrangements (Viewed from bottom of connector, PCB solder side.)
Identification number shown for plug connector, use reverse order for socket connector.
.109 ± .015
(2.77 ± 0.38)
A
C
E
G
.186 (4.72)
MAX. PLUG
.198 (5.05)
MAX.
.100
(2.54)
TYP.
B
D
JACKPOST
#2-56 UNC-2B TYP.
.125 ± .015
(3.18 ± 0.38)
F
.150 ± .010
(3.8 ± 0.25)
.096 ± .005
(2.44 ± 0.31)
.050
(1.27)
TYP.
.100 TYP.
CAV.
#1
LAST
CAV.
6
7
8
9
1
2
3
4
5
9 10 11 12 13 14 15
1
2 3
4 5
6
7 8
12 13 14 15 16 17 18 19 20 21
1
2
3 4
5
6
7
8
9 10 11
14 15 16 17 18 19 20 21 22 23 24 25
1
2
3 4
5 6
7
8
9 10 11 12 13
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
1
2
3 4
5 6
7
8
9 10 11 12 13 14 15 16
20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37
1
2
3 4
5 6
7
8
9 10 11 12 13 14 15 16 17 18 19
36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51
19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35
1
2
3 4
5 6
7
8
9 10 11 12 13 14 15 16 17 18
.150
(3.81)
.050
(1.27)
.150
(3.81)
.150
(3.81)
.150
(3.81)
.150
(3.81)
.150
(3.81)
.175
(4.45)
.150
(3.81)
.375
(9.53)
.150
(3.81)
.150
(3.81)
.225
(5.72)
9 Contacts
31 Contacts
15 Contacts
37 Contacts
51 Contacts
21 Contacts
25 Contacts
52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51
76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100
1
2
3 4
5 6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26
.150
(3.81)
.050
(1.27)
100 Contacts
NOTE: Standard lead termination is #24 AWG, gold plated, solid copper, solder or tin dripped.
*For jackpost, add letter "P" or "M7" for sizes 9-51, "M17" for size 100.
Part Number
By Shell Size
MDM-9PBR*
MDM-9SBR*
MDM-15PBR*
MDM-15SBR*
MDM-21PBR*
MDM-21SBR*
MDM-25PBR*
MDM-25SBR*
MDM-31PBR*
MDM-31SBR*
MDM-37PBR*
MDM-37SBR*
MDM-51PBR*
MDM-51SBR*
MDM-100PBR*
MDM-100SBR*
1.390 (35.31)
1.390 (35.31)
1.540 (39.12)
1.540 (39.12)
1.690 (42.93)
1.690 (42.93)
1.790 (45.47)
1.790 (45.47)
2.040 (51.82)
2.040 (51.52)
2.340 (59.44)
2.340 (59.44)
1.875 (47.63)
1.875 (47.63)
2.74 (69.72)
2.74 (69.72)
1.150 (29.21)
1.150 (29.21)
1.300 (33.02)
1.300 (33.02)
1.450 (36.83)
1.450 (36.83)
1.550 (39.37)
1.550 (39.37)
1.800 (45.72)
1.800 (45.72)
2.100 (53.34)
2.100 (53.34)
1.600 (40.64)
1.600 (40.64)
2.500 (63.50)
2.500 (63.50)
.565 (14.35)
.565 (14.35)
.715 (18.16)
.715 (18.16)
.865 (21.97)
.865 (21.97)
.965 (24.51)
.965 (24.51)
1.115 (28.32)
1.115 (28.32)
1.265 (32.13)
1.265 (32.13)
1.215 (30.86)
1.215 (30.86)
1.800 (45.72)
1.800 (45.72)
.334 (8.48)
.402 (10.21)
.484 (12.29)
.552 (13.97)
.634 (16.10)
.702 (17.83)
.734 (18.64)
.802 (20.37)
.884 (22.45)
.952 (24.18)
1.034 (26.26)
1.102 (27.99)
.984 (24.99)
1.052 (26.72)
1.384 (35.15)
1.508 (38.10)
.185 (4.70)
.253 (6.43)
.185 (4.70)
.253 (6.43)
.185 (4.70)
.253 (6.43)
.185 (4.70)
.253 (6.43)
.185 (4.70)
.253 (6.43)
.185 (4.70)
.253 (6.43)
.228 (5.79)
.296 (7.52)
.271 (6.88)
.394 (10.01)
.455 (11.56)
.455 (11.56)
.455 (11.56)
.455 (11.56)
.455 (11.56)
.455 (11.56)
.455 (11.56)
.455 (11.56)
.455 (11.56)
.455 (11.56)
.455 (11.56)
.455 (11.56)
.565 (14.35)
.565 (14.35)
.755 (19.18)
.755 (19.18)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.351 (8.92)
.351 (8.92)
.394 (10.01)
.394 (10.01)
A
Max.
B
± .007 (.18)
C
± .005 (.13)
D
Max.
E
Max.
F
Max.
G
Max.
All Termination Configurations .100 (2.54) x .100 (2.54) Grid Pattern, Offset .050 (1.27).


Similar Part No. - MDM-25SBSM7-L61A174

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM-25SBS ITT-MDM-25SBS Datasheet
825Kb / 17P
   The Micro Line - .050 Contact Spacing
More results

Similar Description - MDM-25SBSM7-L61A174

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDB1-9PH001P ITT-MDB1-9PH001P Datasheet
325Kb / 11P
   Micro-D Plastic Shell - .050 Contact Spacing
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
015-9516-002 ITT-015-9516-002 Datasheet
385Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
List of Unclassifed Man...
MDM-37PH003B ETC2-MDM-37PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM-51PH001P ETC2-MDM-51PH001P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
025-9524-000 ITT-025-9524-000 Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com