Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJSB-10PL2 Datasheet(PDF) 5 Page - ITT Industries

Part # MJSB-10PL2
Description  Micro Center Jackscrew
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MJSB-10PL2 Datasheet(HTML) 5 Page - ITT Industries

  MJSB-10PL2 Datasheet HTML 1Page - ITT Industries MJSB-10PL2 Datasheet HTML 2Page - ITT Industries MJSB-10PL2 Datasheet HTML 3Page - ITT Industries MJSB-10PL2 Datasheet HTML 4Page - ITT Industries MJSB-10PL2 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
43
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Micro Center Jackscrew
MJS
Plug (Molded-In Insert - Special)
MJSV**P
MJSV-26P**
(Shown)
Part Number
MJSV-26P**
MJSV-38P**
.868 (22.05)
1.168 (29.67)
A
Ref.
.100 (2.54)
INSERT
#1-64 UNC-2B
INSULATOR
A
MAX.
ENGAGING FACE
.300 (7.62)
MAX.
.061 (1.55)
MAX.
.109 (2.77)
MAX. DIA.
LEAD
LENGTH
MICRO-PIN
CONTACT
.162 (4.11)
REF.
CAVITY # 1
Receptacle (Special)
MJSV-26S**
(Shown)
Part Number
MJSV-26S**
MJSV-38S**
.943 (23.95)
1.243 (31.57)
.874 (22.20)
1.174 (29.82)
A
Max.
B
Ref.
.167 (4.24)
REF.
.100 (2.54)
REF.
B
.253 (6.43)
MAX.
.320 (8.13)
MAX.
.155 (3.94)
MAX.
A
MAX.
#1-64 UNC-2A
MICRO-SOCKET
.190 (4.83)
REF.
LEAD
LENGTH
JACKSCREW
MJSV**S*
CAVITY # 1
Contact Arrangements
+
+
.075 (1.91)
.050 (1.27)
.100 (2.54)
14
26
Identification numbers are for reference and do not appear on connectors.
.050 (1.27)
TYP.
26 Contacts
.050 (1.27)
TYP.
.075 (1.91)
.100 (2.54)
REF.
20
38
21
1
1
38 Contacts
15
Face view of pin - use reverse order for socket


Similar Part No. - MJSB-10PL2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MJS1 BEL-MJS1 Datasheet
89Kb / 2P
   Lightning Surge Withstand Fuse
MJS1-R BEL-MJS1-R Datasheet
1Mb / 4P
   TYPE MJS LIGHTNING SURGE WITHSTAND FUSE
MJS1.25 BEL-MJS1.25 Datasheet
89Kb / 2P
   Lightning Surge Withstand Fuse
MJS1.5 BEL-MJS1.5 Datasheet
89Kb / 2P
   Lightning Surge Withstand Fuse
MJS100 BEL-MJS100 Datasheet
89Kb / 2P
   Lightning Surge Withstand Fuse
More results

Similar Description - MJSB-10PL2

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
SD-837021023 ULTI-MATE-SD-837021023 Datasheet
104Kb / 1P
   MICRO STRIP CONNECTOR, SR02P3-L05, CENTER JACKSCREW HOLE
3/2/21
SD-837032913 ULTI-MATE-SD-837032913 Datasheet
215Kb / 1P
   MICRO STRIP CONNECTOR, SOCKET, CENTER JACKSCREW, SR03S3-32F5-18.0
12/24/19
SD-837031916 ULTI-MATE-SD-837031916 Datasheet
191Kb / 1P
   MICRO STRIP CONNECTOR, PIN, CENTER JACKSCREW HOLE, SR03P3-32F5-18.0
12/24/19
SD-837022913 ULTI-MATE-SD-837022913 Datasheet
122Kb / 1P
   MICRO STRIP CONNECTOR, RECEPTACLE, SIZE 2 W/CENTER JACKSCREW, SR02S3-32F5-18.0
06/20/2017
SD-837111223 ULTI-MATE-SD-837111223 Datasheet
139Kb / 1P
   MICRO STRIP CONNECTOR, 11 PIN, CENTER JACKSCREW HOLE, L04 LEADS, SR11P3-L04
10/3/13
SD-837032003 ULTI-MATE-SD-837032003 Datasheet
39Kb / 1P
   Micro Strip Solder Cup 3 Socket Center Jackscrew (screw on socket side) Plastic Shell 125 Max Temp No QPL
12-19-05
logo
Glenair, Inc.
249-033 GLENAIR-249-033 Datasheet
112Kb / 1P
   Jackscrew/Jackpost Kits
logo
Harwin Plc
M80-9410605 HARWIN-M80-9410605 Datasheet
113Kb / 1P
   JACKSCREW DATAMATE DIL CRIMP
M80-47506050605 HARWIN-M80-47506050605 Datasheet
186Kb / 1P
   JACKSCREW DATAMATE DIL CRIMP
M80-5610405 HARWIN-M80-5610405 Datasheet
74Kb / 1P
   JACKSCREW DATAMATE DIL CRIMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com