Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDM-15SCBRM17-L61A174 Datasheet(PDF) 1 Page - ITT Industries

Part # MDM-15SCBRM17-L61A174
Description  Micro-D PCB - .050 Contact Spacing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MDM-15SCBRM17-L61A174 Datasheet(HTML) 1 Page - ITT Industries

  MDM-15SCBRM17-L61A174 Datasheet HTML 1Page - ITT Industries MDM-15SCBRM17-L61A174 Datasheet HTML 2Page - ITT Industries MDM-15SCBRM17-L61A174 Datasheet HTML 3Page - ITT Industries MDM-15SCBRM17-L61A174 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Micro-D PCB - .050" Contact Spacing
MDM-PCB
How to Order - MDM-PCB Series
18
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
MDM-PCB connectors are designed for use
with flex circuitry, flat cable and printed circuit
boards or multi-layer boards. They use the
standard MDM metal shell and provide high
density and high reliability in board-to-board,
board-to-cable and cable-to-cable applications.
MDM-PCB connectors are available in 8 shell
sizes with 9 to 100 contacts. Terminations
may be straight (BS) or at 90˚ right angle (BR,
CBR) board thickness. Jackpost mounting for
use with locking hardware is also available.
SERIES
INSULATOR MATERIAL
CONTACT ARRANGEMENT
CONTACT TYPE
TERMINATION TYPE
MOUNTING HARDWARE (Shell Flange)
MOUNTING HARDWARE FOR PCB
TERMINATION TAIL LENGTH MODIFICATION CODE
SHELL FINISH MODIFICATION CODES
SERIES
MOUNTING HARDWARE FOR PCB
TERMINATION TAIL LENGTH MODIFICATION CODE
SHELL FINISH MODIFICATION CODES
INSULATOR MATERIAL
CONTACT ARRANGEMENT
CONTACT TYPE
TERMINATION TYPE
MOUNTING HARDWARE (Shell Flange)
MDM - Micro "D" Metal Shell
T - Threaded Insert
#2-56 Thd for Shell Sizes 9 thru 51
#4-40 Thd for Shell Size 100
No letter - none
None - .109 (2.77) ±.015 (0.38) Standard
L61 - .125 (3.18)
L56 - .150 (3.81)
L57 - .190 (4.83)
L39 - .250 (6.35)
L58 - .375 (9.52)
None - Yellow Chromate/Cadmium over Nickel
A174 - Electroless Nickel
A172 - Gold over Nickel
A141 - Irridite/Alodine
A30 - Black Anodize
(For special modification codes, consult
customer service.)
NOTE: Back molding material –
Epoxy Hysol #MG40FS
MDM *
-
-
25
P
P
BS
T
L39
A174
Liquid Crystal Polymer (LCP)
9, 15, 21, 25, 31, 37, 51, and 100
P - Pin (Plug)
S - Socket (Receptacle)
BS
- Straight PCB Termination
BR
- Right Angle PCB Termination
CBR - Right Angle Narrow Profile PCB Terminations
P
- Jackposts
M7 - Jackposts
M83513/5-07 (Sizes 9-51)
M17 - Jackposts
M83513/5-17 (Size 100)
No letter - none
RoHS COMPLIANCE
R


Similar Part No. - MDM-15SCBRM17-L61A174

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM-15SCBR ITT-MDM-15SCBR Datasheet
825Kb / 17P
   The Micro Line - .050 Contact Spacing
More results

Similar Description - MDM-15SCBRM17-L61A174

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDB1-9PH001P ITT-MDB1-9PH001P Datasheet
325Kb / 11P
   Micro-D Plastic Shell - .050 Contact Spacing
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
015-9516-002 ITT-015-9516-002 Datasheet
385Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
List of Unclassifed Man...
MDM-37PH003B ETC2-MDM-37PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM-51PH001P ETC2-MDM-51PH001P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
025-9524-000 ITT-025-9524-000 Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com