Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4412-3ARQZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4412-3ARQZ
Description  Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4412-3ARQZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4412-3ARQZ Datasheet HTML 3Page - Analog Devices ADA4412-3ARQZ Datasheet HTML 4Page - Analog Devices ADA4412-3ARQZ Datasheet HTML 5Page - Analog Devices ADA4412-3ARQZ Datasheet HTML 6Page - Analog Devices ADA4412-3ARQZ Datasheet HTML 7Page - Analog Devices ADA4412-3ARQZ Datasheet HTML 8Page - Analog Devices ADA4412-3ARQZ Datasheet HTML 9Page - Analog Devices ADA4412-3ARQZ Datasheet HTML 10Page - Analog Devices ADA4412-3ARQZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADA4412-3
Rev. 0 | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, RL = 150 Ω, VO = 1.4 V p-p, VS = 5 V, TA = 25°C.
FREQUENCY (MHz)
1
10
100
–48
–45
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
9
FC = 9MHz
FC = 18MHz
FC = 36MHz
BLACK LINE: VS = +5V
GRAY LINE: VS = ±5V
Figure 4. Frequency Response vs. Power Supply and Cutoff Frequency
FREQUENCY (MHz)
1
10
100
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
BLACK LINE: VS = +5V
GRAY LINE: VS = ±5V
FC = 9MHz
FC = 18MHz
FC = 36MHz
Figure 5. Frequency Response Flatness vs. Cutoff Frequency
FREQUENCY (MHz)
110
100
–48
–45
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
9
FC = 9MHz
FC = 18MHz
FC = 36MHz
BLACK LINE:
VOUT = 100mV p-p
GRAY LINE:
VOUT = 2V p-p
Figure 6. Frequency Response vs. Output Amplitude and Cutoff Frequency
FREQUENCY (MHz)
110
100
–48
–45
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
9
FC = 36MHz
FC = 9MHz
FC = 18MHz
–40
°C
+25
°C
+85
°C
Figure 7. Frequency Response vs. Temperature and Cutoff Frequency
FREQUENCY (MHz)
110
10
100
90
80
70
60
50
40
30
20
100
FC = 9MHz
FC = 18MHz
FC = 36MHz
BLACK LINE: VS = +5V
GRAY LINE: VS = ±5V
Figure 8. Group Delay vs. Frequency, Power Supply, and Cutoff Frequency
FREQUENCY (MHz)
0.1
1
10
100
–100
–90
–80
–70
–60
–50
–40
FC = 9MHz
FC = 18MHz
FC = 36MHz
RSOURCE = 300Ω
Y AND Pr SOURCE CHANNELS
Pb RECEPTOR CHANNEL
Figure 9. Channel-to-Channel Crosstalk vs. Frequency and Cutoff Frequency


Similar Part No. - ADA4412-3ARQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4412-3 AD-ADA4412-3_15 Datasheet
385Kb / 16P
   Integrated Triple Video Filter with Selectable
REV. 0
More results

Similar Description - ADA4412-3ARQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4411-3 AD-ADA4411-3 Datasheet
397Kb / 16P
   Integrated Triple Video Filter and Buffer with Selectable Cutoff Frequencies and Multiplexed Inputs for RGB, HD/SD
REV. 0
ADA4410-6 AD-ADA4410-6 Datasheet
457Kb / 16P
   Integrated Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD Y, C, and CV
REV. B
ADA4410-6 AD-ADA4410-6_15 Datasheet
458Kb / 16P
   Integrated Video Filter with Selectable Cutoff
REV. B
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Fairchild Semiconductor
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
logo
STMicroelectronics
TSH345 STMICROELECTRONICS-TSH345 Datasheet
163Kb / 14P
   Triple video buffer with selectable filter for HD and SD video applications
logo
Fairchild Semiconductor
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
logo
ON Semiconductor
NCS2566 ONSEMI-NCS2566 Datasheet
220Kb / 13P
   Six-Channel Video Driver with Triple SD & Triple Selectable SD/HD Filters
September, 2009 ??Rev. 2
logo
Fairchild Semiconductor
FMS6403 FAIRCHILD-FMS6403_05 Datasheet
291Kb / 17P
   Triple Video Drivers with Selectable HD/PS/SD/ Bypass Filters for RGB and YPbPr Signals
FMS6403 FAIRCHILD-FMS6403_08 Datasheet
676Kb / 14P
   Triple Video Drivers with Selectable HD/PS/SD Bypass Filters for RGB and YPbPr Signals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com