Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT8535-01PG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT8535-01PG
Description  LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT8535-01PG Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT8535-01PG Datasheet HTML 1Page - Integrated Device Technology IDT8535-01PG Datasheet HTML 2Page - Integrated Device Technology IDT8535-01PG Datasheet HTML 3Page - Integrated Device Technology IDT8535-01PG Datasheet HTML 4Page - Integrated Device Technology IDT8535-01PG Datasheet HTML 5Page - Integrated Device Technology IDT8535-01PG Datasheet HTML 6Page - Integrated Device Technology IDT8535-01PG Datasheet HTML 7Page - Integrated Device Technology IDT8535-01PG Datasheet HTML 8Page - Integrated Device Technology IDT8535-01PG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT8535-01
LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL
NOTES:
1. Measured from the VDD/2 of the input to the differential output crossingpoint.
2. Defined as skew between outputs as the same supply voltage and with equal load conditions. Measured at the output differential crosspoints
3. Defined as skew between outputs on different devices operating at the same supply voltages and with equal load conditions. Using the same type of inputs on each
device, the outputs are measured at the differential crosspoints.
4. This parameter is defined in accordance with JEDEC Standard 65.
AC ELECTRICAL CHARACTERISTICS - INDUSTRIAL
Allparametersmeasuredat266MHzunlessnotedotherwise;
Cycle-to-cycle jitter on input = jitter on output; the part does not add jitter
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
FMAX
OutputFrequency
266
MHz
tPD
PropagationDelay(1)
f
≤ 266MHz
1
1.9
ns
tSK(O)
Output Skew(2,4)
30
ps
tSK(PP)
Part-to-PartSkew(3,4)
200
ps
tR
OutputRiseTime
20 - 80% @ 50MHz
300
700
ps
tF
OutputFallTime
20 - 80% @ 50MHz
300
700
ps
odc
Output Duty Cycle
48
50
52
%
POWER SUPPLY CHARACTERISTICS - INDUSTRIAL
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Positive Supply Voltage
3.135
3.3
3.465
V
IEE
Power Supply Current
55
mA
NOTE:
1. Outputs terminated with 50
Ω to VDD - 2V.
DC ELECTRICAL CHARACTERISTICS, LVPECL - INDUSTRIAL
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOH
Output Voltage HIGH(1)
VDD - 1.4
VDD - 1
V
VOL
OutputVoltageLOW(1)
VDD - 2
VDD - 1.7
V
VSWING
Peak-to-PeakOutputVoltageSwing
0.6
0.85
V
DC ELECTRICAL CHARACTERISTICS, LVCMOS / LVTTL - INDUSTRIAL
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIH
Input Voltage HIGH
2
VDD + 0.3
V
VIL
InputVoltageLOW
CLK0, CLK1
-0.3
1.3
V
CLK_EN, CLK_SEL
-0.3
0.8
IIH
Input Current HIGH
CLK0, CLK1, CLK_SEL
VIN = VDD = 3.465V
150
µA
CLK_EN
VIN = VDD = 3.465V
5
IIL
InputCurrentLOW
CLK0, CLK1, CLK_SEL
VIN = 0V, VDD = 3.465V
-5
µA
CLK_EN
VIN = 0V, VDD = 3.465V
-150


Similar Part No. - IDT8535-01PG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT85304 IDT-IDT85304 Datasheet
77Kb / 11P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
IDT85304-01 IDT-IDT85304-01 Datasheet
77Kb / 11P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
More results

Similar Description - IDT8535-01PG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8535-01 ICST-ICS8535-01 Datasheet
115Kb / 12P
   LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01 Datasheet
347Kb / 5P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
PI6C48535-11 PERICOM-PI6C48535-11 Datasheet
286Kb / 5P
   3.3V Low Skew 1-to-4 Crystal/LVCMOS to LVPECL Fanout Buffer
PI6C48535-01B PERICOM-PI6C48535-01B Datasheet
575Kb / 6P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
PI6C48535-01 PERICOM-PI6C48535-01_11 Datasheet
400Kb / 5P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS8535I-01 RENESAS-ICS8535I-01 Datasheet
495Kb / 17P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
2019
logo
Pericom Semiconductor C...
PI6C48533-01 PERICOM-PI6C48533-01 Datasheet
409Kb / 7P
   3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS8535BI-01 IDT-ICS8535BI-01 Datasheet
368Kb / 16P
   LOW SKEW, 1-to-4 LVCMOS/LVTTL-TO- 3.3V LVPECL FANOUT BUFFER
ICS8535I-01 IDT-ICS8535I-01 Datasheet
235Kb / 16P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C48533-01 PERICOM-PI6C48533-01_15 Datasheet
668Kb / 7P
   3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com