Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C4282V-25ASC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C4282V-25ASC
Description  64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4282V-25ASC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C4282V-25ASC Datasheet HTML 1Page - Cypress Semiconductor CY7C4282V-25ASC Datasheet HTML 2Page - Cypress Semiconductor CY7C4282V-25ASC Datasheet HTML 3Page - Cypress Semiconductor CY7C4282V-25ASC Datasheet HTML 4Page - Cypress Semiconductor CY7C4282V-25ASC Datasheet HTML 5Page - Cypress Semiconductor CY7C4282V-25ASC Datasheet HTML 6Page - Cypress Semiconductor CY7C4282V-25ASC Datasheet HTML 7Page - Cypress Semiconductor CY7C4282V-25ASC Datasheet HTML 8Page - Cypress Semiconductor CY7C4282V-25ASC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CY7C4282V
CY7C4292V
64K/128Kx9 Low Voltage Deep Sync FIFOs
w/ Retransmit & Depth Expansion
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
October 18, 1999
Features
• 3.3V operation for low power consumption and easy
integration into low-voltage systems
• High-speed, low-power, first-in first-out (FIFO)
memories
• 64K x 9 (CY7C4282V)
• 128K x 9 (CY7C4292V)
• 0.35 micron CMOS for optimum speed/power
• High-speed, Near Zero Latency (True Dual-Ported
Memory Cell), 100-MHz operation (10 ns read/write
cycle times)
• Low power
— ICC = 25 mA
— ISB = 6 mA
• Fully asynchronous and simultaneous read and write
operation
• Empty, Full, and Programmable Almost Empty and Al-
most Full status flags
• Retransmit function
• Output Enable (OE) pin
• Independent read and write enable pins
• Supports free-running 50% duty cycle clock inputs
• Width Expansion Capability
• Depth Expansion Capability through token-passing
scheme (no external logic required)
• 64-pin 10x10 STQFP
• Pin-compatible 3.3V solution for CY7C4282/92
Functional Description
The CY7C4282V/92V are high-speed, low-power, first-in first-
out (FIFO) memories with clocked read and write interfaces.
All devices are 9 bits wide. The CY7C4282V/92V can be cas-
caded to increase FIFO depth. Programmable features include
Almost Full/Almost Empty flags. These FIFOs provide solutions
for a wide variety of data buffering needs, including high-speed data
acquisition, multiprocessor interfaces, video and communications
buffering.
These FIFOs have 9-bit input and output ports that are con-
trolled by separate clock and enable signals. The input port is
controlled by a free-running clock (WCLK) and a Write Enable
pin (WEN).
Retransmit and Synchronous Almost Full/Almost Empty flag
features are available on these devices.
Depth expansion is possible using the Cascade Input (XI), Cas-
cade Output (XO), and First Load (FL) pins. The XO pin is connected
to the XI pin of the next device, and the XO pin of the last device
should be connected to the XI pin of the first device. The FL pin of the
first device is tied to VSS and the FL pin of all the remaining devices
should be tied to VCC
When WEN is asserted, data is written into the FIFO on the
rising edge of the WCLK signal. While WEN is held active, data
is continually written into the FIFO on each cycle. The output
port is controlled in a similar manner by a free-running Read
Clock (RCLK) and a Read Enable pin (REN). In addition, the
CY7C4282V/92V have an Output Enable pin (OE). The read
and write clocks may be tied together for single-clock operation
or the two clocks may be run independently for asynchronous
read/write applications. Clock frequencies up to 67 MHz are
achievable.
FF
Logic Block Diagram
4282V–1
THREE-STATE
OUTPUT REGISTER
READ
CONTROL
FLAG
LOGIC
WRITE
CONTROL
WRITE
POINTER
READ
POINTER
RESET
LOGIC
INPUT
REGISTER
FLAG
PROGRAM
REGISTER
D0 − 8
RCLK
Q0 − 8
WEN
WCLK
RS
OE
Dual Port
RAM Array
64K x 9
128K x 9
REN
EXPANSION
LOGIC
FL/RT
XI/LD
PAF/XO
EF
PAE
PAF/XO


Similar Part No. - CY7C4282V-25ASC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4282V-10ASC CYPRESS-CY7C4282V-10ASC Datasheet
219Kb / 15P
   64K/128K x 9 Low-Voltage Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4282V-15ASC CYPRESS-CY7C4282V-15ASC Datasheet
219Kb / 15P
   64K/128K x 9 Low-Voltage Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4282V-15ASI CYPRESS-CY7C4282V-15ASI Datasheet
219Kb / 15P
   64K/128K x 9 Low-Voltage Deep Sync FIFOs with Retransmit and Depth Expansion
More results

Similar Description - CY7C4282V-25ASC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4282V CYPRESS-CY7C4282V_03 Datasheet
219Kb / 15P
   64K/128K x 9 Low-Voltage Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4292 CYPRESS-CY7C4292 Datasheet
207Kb / 16P
   64K/128K x 9 Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4281 CYPRESS-CY7C4281_05 Datasheet
430Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4255V CYPRESS-CY7C4255V_02 Datasheet
289Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4255V CYPRESS-CY7C4255V Datasheet
283Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4275 CYPRESS-CY7C4275 Datasheet
281Kb / 21P
   32K/64Kx18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_09 Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com