Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61SF25616-10TQ Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS61SF25616-10TQ
Description  256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61SF25616-10TQ Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS61SF25616-10TQ Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61SF25616-10TQ Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61SF25616-10TQ Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61SF25616-10TQ Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61SF25616-10TQ Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61SF25616-10TQ Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61SF25616-10TQ Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61SF25616-10TQ Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61SF25616-10TQ Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
IS61SF25616
IS61SF25618
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
7
Rev. A
04/17/01
OPERATING RANGE
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
3.3V
+10%, –5%
Industrial
–40°C to +85°C
3.3V
+10%, –5%
DC ELECTRICAL CHARACTERISTICS(1) (Over Operating Range)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.0
VCC + 0.3
V
VIL
Input LOW Voltage
–0.3
0.8
V
ILI
Input Leakage Current
GND
≤ VIN ≤ VCCQ(2)
Com.
–22
µA
Ind.
–55
ILO
Output Leakage Current
GND
≤ VOUT ≤ VCCQ, OE = VIH Com.
–22
µA
Ind.
–55
POWER SUPPLY CHARACTERISTICS (Over Operating Range)
8
8.5
10
12
Symbol
Parameter
Test Conditions
Max.
Max.
Max.
Max.
Unit
ICC
AC Operating
Device Selected,
Com.
180
170
160
150
mA
Supply Current
All Inputs = VIL or VIH
Ind.
180
170
160
OE = VIH, Vcc = Max.
Cycle Time
≥ tKC min.
ISB
Standby Current
Device Deselected,
Com.
50
50
50
50
mA
VCC = Max.,
Ind.
60
60
60
All Inputs = VIH or VIL
CLK Cycle Time
≥ tKC min.
IZZ
Power-down
ZZ = VCCQ
Com.
1010
1010
mA
Mode Current
Clock Running
Ind.
15
15
15
All Inputs
≤ GND + 0.2V
or
≥ Vcc – 0.2V
Notes:
1. The MODE pin has an internal pullup. This pin may be a No Connect, tied to GND, or tied to VCC.
2. The MODE pin should be tied to Vcc or GND. It exhibits ±10 µA maximum leakage current when tied to
≤ GND + 0.2V
or
≥ Vcc – 0.2V.


Similar Part No. - IS61SF25616-10TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61SF12832 ISSI-IS61SF12832 Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF12832-10B ISSI-IS61SF12832-10B Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF12832-10TQ ISSI-IS61SF12832-10TQ Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF12832-10TQI ISSI-IS61SF12832-10TQI Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF12832-12B ISSI-IS61SF12832-12B Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS61SF25616-10TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61SP25616 ISSI-IS61SP25616 Datasheet
120Kb / 15P
   256K x 16, 256K x 18 SYNCHRONOUS PIPELINED STATIC RAM
logo
Motorola, Inc
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819 MOTOROLA-MCM69F819 Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A Datasheet
206Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25672A ISSI-IS61LF25672A Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com