Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL-FS-MDLS161615D-02 Datasheet(PDF) 9 Page - Varitronix international limited

Part # VL-FS-MDLS161615D-02
Description  SPECIFICATION OF LCD MODULE TYPE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VARITRONIX [Varitronix international limited]
Direct Link  http://www.varitronix.com
Logo VARITRONIX - Varitronix international limited

VL-FS-MDLS161615D-02 Datasheet(HTML) 9 Page - Varitronix international limited

Back Button VL-FS-MDLS161615D-02 Datasheet HTML 5Page - Varitronix international limited VL-FS-MDLS161615D-02 Datasheet HTML 6Page - Varitronix international limited VL-FS-MDLS161615D-02 Datasheet HTML 7Page - Varitronix international limited VL-FS-MDLS161615D-02 Datasheet HTML 8Page - Varitronix international limited VL-FS-MDLS161615D-02 Datasheet HTML 9Page - Varitronix international limited VL-FS-MDLS161615D-02 Datasheet HTML 10Page - Varitronix international limited VL-FS-MDLS161615D-02 Datasheet HTML 11Page - Varitronix international limited VL-FS-MDLS161615D-02 Datasheet HTML 12Page - Varitronix international limited VL-FS-MDLS161615D-02 Datasheet HTML 13Page - Varitronix international limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
VL-FS-MDLS161615D-02 REV. A
(MDLS161615D-LV-G-LED04G (BB))
AUG./2003
PAGE 9 OF 13
5.2
Timing Specifications
At Ta = 0
°C To +50 °C, VDD = +5V±5%, GND = 0V.
Refer to Fig. 2, the bus timing diagram for write mode.
Table 6
Parameter
Symbol
Min.
Max.
Unit
E Cycle Time
tc
500
-
ns
E Rise/Fall Time
tR,tF
-
20
ns
E Pulse Width(high, low)
tW
230
-
ns
R/W and RS Setup Time
tSU1
40
-
ns
R/W and RS Hold Time
tH1
10
-
ns
Data Set-up Time
tSU2
80
-
ns
Data Hold Time
tH2
10
-
ns
Refer to Fig. 3, the bus timing diagram for read mode.
Table 7
Parameter
Symbol
Min.
Max.
Unit
E Cycle Time
tc
500
-
ns
E Rise/Fall Time
tR,tF
-
20
ns
E Pulse Width(high, low)
tW
230
-
ns
R/W and RS Setup Time
tSU
40
-
ns
R/W and RS Hold Time
tH
10
-
ns
Data Output Delay Time
tD
-
120
ns
Data Hold Time
tDH
5
-
ns


Similar Part No. - VL-FS-MDLS161615D-02

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
VL-FS-MDLS161615D-01 VARITRONIX-VL-FS-MDLS161615D-01 Datasheet
297Kb / 13P
   SPECIFICATION OF LCD MODULE TYPE
More results

Similar Description - VL-FS-MDLS161615D-02

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
VL-FS-MGLS12864T-54 VARITRONIX-VL-FS-MGLS12864T-54 Datasheet
286Kb / 14P
   SPECIFICATION OF LCD MODULE TYPE
VL-PS-OLM-O095CNC-02 VARITRONIX-VL-PS-OLM-O095CNC-02 Datasheet
884Kb / 25P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MDLS12433P-01 VARITRONIX-VL-FS-MDLS12433P-01 Datasheet
168Kb / 10P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MGLS128128-29C VARITRONIX-VL-FS-MGLS128128-29C Datasheet
432Kb / 11P
   SPECIFICATION OF LCD MODULE TYPE
VL-PS-PDA320240D-03 VARITRONIX-VL-PS-PDA320240D-03 Datasheet
1Mb / 17P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MDLS16163-04 VARITRONIX-VL-FS-MDLS16163-04 Datasheet
482Kb / 12P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MGLS12864T-14 VARITRONIX-VL-FS-MGLS12864T-14 Datasheet
201Kb / 10P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MDLS16119D-01 VARITRONIX-VL-FS-MDLS16119D-01 Datasheet
131Kb / 12P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MDLS16165D-02 VARITRONIX-VL-FS-MDLS16165D-02 Datasheet
290Kb / 13P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MDLS16166D-11 VARITRONIX-VL-FS-MDLS16166D-11 Datasheet
177Kb / 13P
   SPECIFICATION OF LCD MODULE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com