Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGLS12864TZ-HT-LED03 Datasheet(PDF) 10 Page - Varitronix international limited

Part # MGLS12864TZ-HT-LED03
Description  SPECIFICATION OF LCD MODULE TYPE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VARITRONIX [Varitronix international limited]
Direct Link  http://www.varitronix.com
Logo VARITRONIX - Varitronix international limited

MGLS12864TZ-HT-LED03 Datasheet(HTML) 10 Page - Varitronix international limited

Back Button MGLS12864TZ-HT-LED03 Datasheet HTML 4Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 5Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 6Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 7Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 8Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 9Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 10Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 11Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 12Page - Varitronix international limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
VL-FS-MGLS12864TZ-10 REV. A
(MGLS12864TZ-HT-LED03 )
JUN/2004
PAGE 10 OF 12
5.2 Timing Specifications
At Ta = -20
°C To +70°C, VDD = 5V±5%, VSS=0V
Refer to Fig. 3, the bus timing diagram.
Table 6
Parameter
Symbol
Min.
Max.
Unit
C/D Set-up time
tCDS
100
-
ns
C/D Hold Time
tCDH
10
-
ns
/CE,/RD,/WR Pulse
Width
tCE, tRD, tWR
80
-
ns
Data Set-up Time
tDS
80
-
ns
Data Hold Time
tDH
40
-
ns
Access Time
tACC
-
150
ns
Output Hold Time
tOH
10
50
ns
Figure 2: Bus Timing Diagram


Similar Part No. - MGLS12864TZ-HT-LED03

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
MGLS12864TZ-04 VARITRONIX-MGLS12864TZ-04 Datasheet
383Kb / 10P
   SPECIFICATION OF LCD MODULE TYPE
MGLS12864TZ-FSTN-3M VARITRONIX-MGLS12864TZ-FSTN-3M Datasheet
383Kb / 10P
   SPECIFICATION OF LCD MODULE TYPE
More results

Similar Description - MGLS12864TZ-HT-LED03

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
VL-FS-MGLS12864T-54 VARITRONIX-VL-FS-MGLS12864T-54 Datasheet
286Kb / 14P
   SPECIFICATION OF LCD MODULE TYPE
VL-PS-OLM-O095CNC-02 VARITRONIX-VL-PS-OLM-O095CNC-02 Datasheet
884Kb / 25P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MDLS12433P-01 VARITRONIX-VL-FS-MDLS12433P-01 Datasheet
168Kb / 10P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MGLS128128-29C VARITRONIX-VL-FS-MGLS128128-29C Datasheet
432Kb / 11P
   SPECIFICATION OF LCD MODULE TYPE
VL-PS-PDA320240D-03 VARITRONIX-VL-PS-PDA320240D-03 Datasheet
1Mb / 17P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MDLS16163-04 VARITRONIX-VL-FS-MDLS16163-04 Datasheet
482Kb / 12P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MGLS12864T-14 VARITRONIX-VL-FS-MGLS12864T-14 Datasheet
201Kb / 10P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MDLS16119D-01 VARITRONIX-VL-FS-MDLS16119D-01 Datasheet
131Kb / 12P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MDLS16165D-02 VARITRONIX-VL-FS-MDLS16165D-02 Datasheet
290Kb / 13P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MDLS16166D-11 VARITRONIX-VL-FS-MDLS16166D-11 Datasheet
177Kb / 13P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MDLS161615D-02 VARITRONIX-VL-FS-MDLS161615D-02 Datasheet
323Kb / 13P
   SPECIFICATION OF LCD MODULE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com