Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLV58 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLV58
Description  UHF linear push-pull power transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV58 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLV58 Datasheet HTML 1Page - NXP Semiconductors BLV58 Datasheet HTML 2Page - NXP Semiconductors BLV58 Datasheet HTML 3Page - NXP Semiconductors BLV58 Datasheet HTML 4Page - NXP Semiconductors BLV58 Datasheet HTML 5Page - NXP Semiconductors BLV58 Datasheet HTML 6Page - NXP Semiconductors BLV58 Datasheet HTML 7Page - NXP Semiconductors BLV58 Datasheet HTML 8Page - NXP Semiconductors BLV58 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
September 1991
5
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
BLV58
Fig.4
DC current gain as a function of collector
current, typical values.
VCE =25V.
handbook, halfpage
MRA350
0
40
80
120
0
123
FE
h
(A)
IC
Fig.5
Collector capacitance as a function of
collector-base voltage, typical values.
IE =ie = 0; f = 1 MHz.
handbook, halfpage
0
40
80
120
0
1020
3040
MRA346
(pF)
c
C
(V)
VCB


Similar Part No. - BLV58

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BLV58 NJSEMI-BLV58 Datasheet
127Kb / 4P
   UHF linear push-pull power transistor
More results

Similar Description - BLV58

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BLV58 NJSEMI-BLV58 Datasheet
127Kb / 4P
   UHF linear push-pull power transistor
logo
NXP Semiconductors
BLV861 PHILIPS-BLV861 Datasheet
129Kb / 12P
   UHF linear push-pull power transistor
1998 Jan 16
BLV57 PHILIPS-BLV57 Datasheet
152Kb / 24P
   UHF linear push-pull power transistor
1998 Feb 09
logo
New Jersey Semi-Conduct...
BLV62 NJSEMI-BLV62 Datasheet
134Kb / 4P
   UHF linear push-pull power transistor
BLV859 NJSEMI-BLV859 Datasheet
95Kb / 3P
   UHF linear push-pull power transistor
logo
NXP Semiconductors
BLV857 PHILIPS-BLV857 Datasheet
138Kb / 12P
   UHF linear push-pull power transistor
1997 Jan 16
BLV859 PHILIPS-BLV859 Datasheet
126Kb / 16P
   UHF linear push-pull power transistor
1996 Jul 26
BLV862 PHILIPS-BLV862 Datasheet
89Kb / 12P
   UHF linear push-pull power transistor
1999 Jun 25
logo
New Jersey Semi-Conduct...
BLV861 NJSEMI-BLV861 Datasheet
124Kb / 4P
   UHF linear push-pull power transistor
logo
NXP Semiconductors
BLV950 PHILIPS-BLV950 Datasheet
109Kb / 16P
   UHF push-pull power transistor
1997 Oct 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com