Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP6A17DN8 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXMP6A17DN8
Description  DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMP6A17DN8 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXMP6A17DN8 Datasheet HTML 1Page - Zetex Semiconductors ZXMP6A17DN8 Datasheet HTML 2Page - Zetex Semiconductors ZXMP6A17DN8 Datasheet HTML 3Page - Zetex Semiconductors ZXMP6A17DN8 Datasheet HTML 4Page - Zetex Semiconductors ZXMP6A17DN8 Datasheet HTML 5Page - Zetex Semiconductors ZXMP6A17DN8 Datasheet HTML 6Page - Zetex Semiconductors ZXMP6A17DN8 Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SUMMARY
V(BR)DSS = -60V; RDS(ON) = 0.125 ;ID= -3.1A
DESCRIPTION
This new generation of high cell density planar MOSFETs from Zetex utilizes a
unique structure that combines the benefits of low on-resistance with fast
switching speed. This makes them ideal for high efficiency, low voltage, power
management applications.
FEATURES
Low on-resistance
Fast switching speed
Low threshold
Low gate drive
Low profile SOIC package
APPLICATIONS
DC-DC Converters
Power Management functions
Disconnect switches
Motor control
DEVICE MARKING
ZXMP
6A17D
ZXMP6A17DN8
PROVISIONAL ISSUE A - SEPTEMBER 2002
1
DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
DEVICE
REEL
TAPE
WIDTH
QUANTITY
PER REEL
ZXMP6A17DN8TA
7’‘
12mm
500 units
ZXMP6A17DN8TC
13’‘
12mm
2500 units
ORDERING INFORMATION
SO8
Top view
PINOUT


Similar Part No. - ZXMP6A17DN8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17DN8 DIODES-ZXMP6A17DN8 Datasheet
176Kb / 7P
   DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
ZXMP6A17DN8TA DIODES-ZXMP6A17DN8TA Datasheet
176Kb / 7P
   DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXMP6A17DN8TA VBSEMI-ZXMP6A17DN8TA Datasheet
1Mb / 9P
   Dual P-Channel 6 0-V (D-S) MOSFET
logo
Diodes Incorporated
ZXMP6A17DN8TC DIODES-ZXMP6A17DN8TC Datasheet
176Kb / 7P
   DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
ZXMP6A17DN8 DIODES-ZXMP6A17DN8_15 Datasheet
224Kb / 8P
   DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMP6A17DN8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17DN8 DIODES-ZXMP6A17DN8_15 Datasheet
224Kb / 8P
   DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
ZXMP6A18DN8 DIODES-ZXMP6A18DN8 Datasheet
189Kb / 7P
   DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
DMP6050SSD DIODES-DMP6050SSD_15 Datasheet
410Kb / 6P
   60V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9835A PANJIT-PJL9835A Datasheet
379Kb / 7P
   60V Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6050SSD DIODES-DMP6050SSD Datasheet
410Kb / 6P
   60V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A16DN8Q DIODES-ZXMP6A16DN8Q Datasheet
237Kb / 8P
   DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
ZXMP6A16DN8 DIODES-ZXMP6A16DN8 Datasheet
193Kb / 7P
   DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJQ5863A-AU PANJIT-PJQ5863A-AU Datasheet
409Kb / 6P
   60V Dual P-Channel Enhancement Mode MOSFET
November 8,2022
logo
Diodes Incorporated
ZXMP6A17DN8 DIODES-ZXMP6A17DN8 Datasheet
176Kb / 7P
   DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMP6A18DN8 ZETEX-ZXMP6A18DN8 Datasheet
180Kb / 7P
   DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com