Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z89C6501ZEM Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z89C6501ZEM
Description  ICEBOX FAMILY Z8 IN-CIRCUIT EMULATOR -C65
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89C6501ZEM Datasheet(HTML) 2 Page - Zilog, Inc.

  Z89C6501ZEM Datasheet HTML 1Page - Zilog, Inc. Z89C6501ZEM Datasheet HTML 2Page - Zilog, Inc. Z89C6501ZEM Datasheet HTML 3Page - Zilog, Inc. Z89C6501ZEM Datasheet HTML 4Page - Zilog, Inc. Z89C6501ZEM Datasheet HTML 5Page - Zilog, Inc. Z89C6501ZEM Datasheet HTML 6Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Z89C6501ZEM
CP96TAD00403
HOST COMPUTER
Minimum Requirements
IBM PC (or 100-percent compatible) 386-based machine
33 MHz
4 MB RAM
VGA Video Adapter
Hard Disk Drive (1 MB free space)
3.5-inch, High-Density (HD) Floppy Disk Drive
RS-232C COM port
Mouse or Pointing Device
Microsoft Windows 3.1
The following changes to the Minimum Requirements are
recommended for increased performance:
486- or Pentium-based machine
66 MHz (or faster)
8 MB of RAM (or more)
SVGA Video Adapter
Color Monitor
Printer
KIT CONTENTS
Z89C65 Emulator
•Emulation Base Board includes:
CMOS Z86C9320PSC
8K x 8 EPROM (Programmed with Debug Monitor)
32K x 8 Static RAM
Three 64K x 4 Static RAM
RS-232C Interface
Reset Switch
•Z89C65 Emulation Daughterboard
Z86C5020GSE ICE Chip
Z89C0010GSC
Two 32K x 8 Static RAM
Two 100-Pin HP-16500A Logic Analyzer Interface
Connectors
60/80-Pin Target Connectors
Cables/Pods
Power Cable with Banana Plugs
DB25 RS-232C Cable
68-Pin PLCC Emulation Pod Cable
Host Software
ZASM Cross-Assembler/MOBJ Object File Utilities
Z8® GUI Emulator Software
Miscellaneous
20-Pin DIP Jumper Block
Documentation
Emulator User Manual
Z8 Cross-Assembler User's Guide
Universal Object File Utilities (MOBJ)
Registration Card
Product Information
Note: The Z89C6501ZEM SL1850 Emulator does not
support paged External ROM Access.


Similar Part No. - Z89C6501ZEM

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89C6700ZEM ZILOG-Z89C6700ZEM Datasheet
36Kb / 6P
   Z8 GUI Emulator Software
More results

Similar Description - Z89C6501ZEM

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8611600ZEM ZILOG-Z8611600ZEM Datasheet
212Kb / 5P
   ICEBOX FAMILY Z8 IN-CIRCUIT EMULATOR - 116
Z8917500ZEM ZILOG-Z8917500ZEM Datasheet
16Kb / 4P
   ICEBOX FAMILY IN-CIRCUIT EMULATOR - 175
Z86K1500ZEM ZILOG-Z86K1500ZEM Datasheet
14Kb / 3P
   KEYBOARD FAMILY ICEBOX IN-CIRCUIT EMULATOR
Z86L7103ZEM ZILOG-Z86L7103ZEM Datasheet
45Kb / 7P
   ICEBOX FAMILY IN-CIRCUIT EMULATOR-L71
Z86L99ZEM ZILOG-Z86L99ZEM Datasheet
122Kb / 8P
   Z8 In-Circuit Emulator
Z86L98ZEM ZILOG-Z86L98ZEM Datasheet
140Kb / 10P
   Z8 In-Circuit Emulator
Z89C6700ZEM ZILOG-Z89C6700ZEM Datasheet
36Kb / 6P
   Z8 GUI Emulator Software
logo
Renesas Technology Corp
QB-RL78L1C RENESAS-QB-RL78L1C Datasheet
1,014Kb / 42P
   In-Circuit Emulator
logo
EM Microelectronic - MA...
EME66XX EMMICRO-EME66XX Datasheet
136Kb / 24P
   IN-CIRCUIT EMULATOR HARDWARE DESCRIPTION
logo
Renesas Technology Corp
HS0005KCU11H RENESAS-HS0005KCU11H Datasheet
1Mb / 56P
   SuperH??Family E10A-USB Emulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com