Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y2001U2A803NQ Datasheet(PDF) 7 Page - ITT Industries

Part # Y2001U2A803NQ
Description  4, 5 & 6 Tumbler Switchlocks
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

Y2001U2A803NQ Datasheet(HTML) 7 Page - ITT Industries

  Y2001U2A803NQ Datasheet HTML 1Page - ITT Industries Y2001U2A803NQ Datasheet HTML 2Page - ITT Industries Y2001U2A803NQ Datasheet HTML 3Page - ITT Industries Y2001U2A803NQ Datasheet HTML 4Page - ITT Industries Y2001U2A803NQ Datasheet HTML 5Page - ITT Industries Y2001U2A803NQ Datasheet HTML 6Page - ITT Industries Y2001U2A803NQ Datasheet HTML 7Page - ITT Industries Y2001U2A803NQ Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
M–9
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
M
C&K Y Series
4, 5 & 6 Tumbler Switchlocks
MOUNTING/LOCK STYLE
CONTACT MATERIAL
SEAL
PANEL THICKNESS
MOUNTING
STYLES
A, B LOCK TYPES
C, R LOCK TYPES
V, W LOCK TYPES
D
.065-.085 (1, 65-2, 16)
.085-.105 (2, 16-2, 67)
N
.105 (2, 67) max.
.195 (4, 95) max.
.215 (5, 46) max.
L
.215 (5, 46) max.
R
.125 (3, 18) max.
.215 (5, 46) max.
AVAILABLE OPTION COMBINATIONS
MOUNTING
LOCK FINISHES
LOCK TYPES
MOUNTING
STYLES
28
F
A
B
C
RV
W
D
• •
••• •
N
• •
••• •
R
••
• •
L
•• •
EPOXY
.075 MAX.
(1,91)
E
EPOXY SEAL
NONE
NO SEAL
Mounting Information (All Models)
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 CONTACTS & TERMINALS: Copper, with gold plate over nickel plate.
2 CONTACTS & TERMINALS: Copper, silver plated (std. with all termination options).
3 CONTACTS & TERMINALS: Copper, with gold plate over silver plate.
All models
with all options when ordered with ‘G’ or ‘Q’ contact material.
CONTACT AND
OPTION
CODE
TERMINAL MATERIAL
RATING
Q
4 AMPS @ 125 V AC or 28 V DC;
2 AMPS @ 250 AC V AC (UL/CSA).
LOW LEVEL/DRY CIRCUIT
B
SILVER
2
POWER
0.4 VA MAX. @ 20 V AC or DC MAX
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
YES
YES
YES
YES
LOW LEVEL/DRY CIRCUIT
OR POWER
G
YES
YES
GOLD
1
GOLD SILVER
3
0.4 VA MAX. @ 20 V AC or DC MAX. or 4 AMPS @ 125 V AC
or 28 V DC; 2 AMPS @ 250 V AC (UL/CSA)


Similar Part No. - Y2001U2A803NQ

ManufacturerPart #DatasheetDescription
logo
C&K Components
Y2001U CK-COMPONENTS-Y2001U Datasheet
923Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
2018
More results

Similar Description - Y2001U2A803NQ

ManufacturerPart #DatasheetDescription
logo
C&K Components
Y10013 CK-COMPONENTS-Y10013 Datasheet
433Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
Y CK-COMPONENTS-Y Datasheet
923Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
2018
logo
ITT Industries
W201132C205AQ ITT-W201132C205AQ Datasheet
464Kb / 5P
   4 & 6 Tumbler Switchlocks
logo
C&K Components
H101132F205NQ2 CK-COMPONENTS-H101132F205NQ2 Datasheet
268Kb / 5P
   4 & 6 Tumbler Power Switchlocks
logo
ITT Industries
H101132F205NQ ITT-H101132F205NQ Datasheet
430Kb / 5P
   4 & 6 Tumbler Power Switchlocks
logo
C&K Components
H CK-COMPONENTS-H Datasheet
722Kb / 5P
   4 & 6 Tumbler Power Switchlocks
18 May 22
A216132A2NZNQE CK-COMPONENTS-A216132A2NZNQE Datasheet
266Kb / 5P
   4 & 5 Tumbler 1-4 Pole Switchlocks
logo
ITT Industries
YF01132C2803NQ ITT-YF01132C2803NQ Datasheet
356Kb / 4P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YF01132C203NQ CK-COMPONENTS-YF01132C203NQ Datasheet
211Kb / 4P
   4 Tumbler Miniature Switchlocks
YM06132C205NQ CK-COMPONENTS-YM06132C205NQ Datasheet
182Kb / 3P
   4 Tumbler Miniature Switchlocks
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com