Electronic Components Datasheet Search |
|
TPV7S24B61MPN Datasheet(PDF) 4 Page - ITT Industries |
|
TPV7S24B61MPN Datasheet(HTML) 4 Page - ITT Industries |
4 / 5 page www.ittcannon.com 311 Dimensions are shown in inches (millimeters). Dimensions subject to change. MIL-C-26482 Series 2/-83723 Series 1 Filter Connectors TPV Contact Arrangements Contact - Pin and Socket (Face view, pin insert) Shell Size/Arr. No. No. of Contacts Contacts Size 10-6 6 #20 12-8 8 #20 12-10 10 #20 14-5 5 #16 14-21 4 B #16 #20 14-15 1 14 #16 #20 Shell Size/Arr. No. No. of Contacts Contacts Size 14-18 18 #20 14-19 19 #20 16-8 8 #16 16-26 26 #20 18-8 8 #12 18-32 32 #20 Shell Size/Arr. No. No. of Contacts Contacts Size Consult factory for availability of other contact arrangements. Availabl for In-Line Adapters also. Alternate Polarizing Positions - Page 162 Note: Solder pot extension typically will be .200 (5.08) max. beyond shell rear. Standard Contact Terminations Finish: Gold plate per MIL-G-45204, Type 1, Class 1, over nickel plate per QQ-N-290. A C DIA. B DIA. Pin/Solder Pot Pin/Printed Circuit DIA. .020 (.51) X.250 (6.35) EXT. BEYOND SHELL REAR .025 (.64) SQ. X .500 (12.70) EXT. BEYOND SHELL REAR Pin/Wire Wrap .186 (4.72) MAX. B DIA. Socket/Solder Pot Contact Size #20 .125 (3.18) .110 (2.79) .160 (4.06) .150 (3.81) .049 (1.24) .045 (1.14) .077 (1.96) .068 (1.73) .073 (1.85) .068 (1.73) .104 (2.64) .097 (2.46) #16 A B Dia. C Dia. C DIA. 20-39 2 37 #16 #20 20-41 41 #20 22-21 21 #16 22-55 55 #20 24-61 61 #20 A B C D E F a A A A A a A A A A a A A a A A A A A A b B B B B b B B B B b B B b B B B B B B c C C C C c C C C C c C C c C C C C C C DD d D D d D D D D D D d D D D D D D e E EE E e E E E E E E e E E E E E E f FF F F f F F F F F F f F F F F F g GG G G g G G G G G G g G G G G G h HH H H h H H H H H H h H H H H H i i j J J j J J J J j J J J J k K K k K K K K K K K K L L L L L L L L L m M M m M M M M M M M n N N n N N N N N N p P P p P P P P P P q q r R R r R R R R R R s S S S S S S S t T T T T T T T u U U U U U U U v V V V V V V w W W W W W x X X X X X y Y Y Y Y z Z a A A A b B B B c C C C DD d D e E EE f FF F g GG G h HH J J K K L L MM NN P P H i j J k K L m M n N p P q r R s S t T u U v V w W x X y Y z Z Z a A b B c C d D e E f F g G h H i j J k K L m M n N p P q r s t R S T U V W X Y Z Z Z |
Similar Part No. - TPV7S24B61MPN |
|
Similar Description - TPV7S24B61MPN |