Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1650 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC1650
Description  DUAL A/D CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC1650 Datasheet(HTML) 2 Page - Motorola, Inc

  MC1650 Datasheet HTML 1Page - Motorola, Inc MC1650 Datasheet HTML 2Page - Motorola, Inc MC1650 Datasheet HTML 3Page - Motorola, Inc MC1650 Datasheet HTML 4Page - Motorola, Inc MC1650 Datasheet HTML 5Page - Motorola, Inc MC1650 Datasheet HTML 6Page - Motorola, Inc MC1650 Datasheet HTML 7Page - Motorola, Inc MC1650 Datasheet HTML 8Page - Motorola, Inc MC1650 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MC1650 MC1651
4–335
MOTOROLA
MECL Data
DL122 — Rev 6
ELECTRICAL CHARACTERISTICS
Test Limits
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Min
Max
Min
Max
Min
Max
Unit
Power Supply Drain Current
Positive
Negative
ICC
IE
25*
55*
mAdc
Input Current
MC1650
MC1651
Iin
10
40
µAdc
Input Leakage Current
MC1650
MC1651
IR
7.0
10.0
µAdc
Clock Input Current
IinH
350
Output Voltage
Logic 1
VOH
–1.045
–0.875
–0.960
–0.810
–0.890
–0.700
Vdc
Output Voltage
Logic 0
VOL
–1.890
–1.650
–1.850
–1.620
–1.830
–1.575
Vdc
Threshold Voltage (Note 2.)
Logic 1
VOHA
–1.065
–0.980
–0.910
Vdc
Threshold Voltage (Note 2.)
Logic 0
VOLA
–1.630
–1.600
–1.555
Vdc
1. All data is for 1/2 MC1650 or MC1651, except data marked (*) which refers to the entire package.
2. These tests are done in order indicated. See Figure 5.
3. Maximum Power Supply Voltages (beyond which device life may be impaired): |VEE| + |VCC| ≥ 12 Vdc.
4.
All Temperature
VA3
VA4
VA5
VA6
MC1650
+3.0
+2.98
–2.5
–2.48
MC1651
+2.5
+2.48
–3.0
–2.98


Similar Part No. - MC1650

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1658 MOTOROLA-MC1658 Datasheet
105Kb / 6P
   VOLTAGE CONTROLLED MULTIVIBRATOR
More results

Similar Description - MC1650

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9248 AD-AD9248_17 Datasheet
1Mb / 49P
   Dual A/D Converter
AD9288 AD-AD9288_17 Datasheet
633Kb / 25P
   Dual A/D Converter
AD9238 AD-AD9238_17 Datasheet
1Mb / 49P
   Dual A/D Converter
ADC1100 AD-ADC1100_15 Datasheet
1Mb / 4P
   LOW COST DUAL SLOPE A/D CONVERTER
ADC1105 AD-ADC1105_15 Datasheet
2Mb / 6P
   High Resolution, Dual Slope A/D Converter
AD7112 AD-AD7112 Datasheet
230Kb / 12P
   LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV. 0
logo
Samsung semiconductor
KDA0316 SAMSUNG-KDA0316 Datasheet
400Kb / 10P
   D/A CONVERTER
logo
Texas Instruments
ADC10061 TI1-ADC10061 Datasheet
1Mb / 22P
[Old version datasheet]   A/D Converter
logo
Analog Devices
AD9054A AD-AD9054A_17 Datasheet
362Kb / 21P
   A/D Converter
AD9057 AD-AD9057_17 Datasheet
358Kb / 13P
   A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com