Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD33180XI Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ISD33180XI
Description  SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ISD33180XI Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ISD33180XI Datasheet HTML 1Page - List of Unclassifed Manufacturers ISD33180XI Datasheet HTML 2Page - List of Unclassifed Manufacturers ISD33180XI Datasheet HTML 3Page - List of Unclassifed Manufacturers ISD33180XI Datasheet HTML 4Page - List of Unclassifed Manufacturers ISD33180XI Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD33180XI Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD33180XI Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD33180XI Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD33180XI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
   
ii
Voice Solutions in Silicon

!+ , C2 &
! -. , &
4+4 &#
! @
  G $7 # ')
  G .A # ')
C @  H ')
!+ & " $  1 #&
:!+<(  , 
 8 " ,& C2!
&  ! & " &
 !# ,# <
    48 
"
9 &&C   #
#&&!&
, #&&! &!
4 &#  C  
 #4  !&
AA+ #&&!  ')
AA(AAA  & ')
+ 2 &
,C   "#(  (   (  
2!!
5 # '/$AI  -=AI ) 
& # '/1AI  ->7I )
,&& ,C
Table i: ISD33120/150/180/240 Product Summary
Part
Number
Duration
Input Sample
Rate (KHz)
Typical Filter Pass
Band (KHz)

 



 



 



 




Similar Part No. - ISD33180XI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD33120-4E ETC-ISD33120-4E Datasheet
1Mb / 30P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD33120-4ED ETC-ISD33120-4ED Datasheet
1Mb / 30P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD33120-4EI ETC-ISD33120-4EI Datasheet
1Mb / 30P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD33120-4P ETC-ISD33120-4P Datasheet
1Mb / 30P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD33120-4PD ETC-ISD33120-4PD Datasheet
1Mb / 30P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
More results

Similar Description - ISD33180XI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
logo
List of Unclassifed Man...
ISD5008 ETC-ISD5008 Datasheet
1Mb / 47P
   SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD2560 ETC1-ISD2560 Datasheet
801Kb / 26P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com