Electronic Components Datasheet Search |
|
PTH08T240WAS Datasheet(PDF) 7 Page - Texas Instruments |
|
|
PTH08T240WAS Datasheet(HTML) 7 Page - Texas Instruments |
7 / 38 page www.ti.com PTH08T240W, PTH08T241W SLTS264D – NOVEMBER 2005 – REVISED OCTOBER 2006 ELECTRICAL CHARACTERISTICS (continued) PTH08T241W (Ceramic Capacitors) T A = 25°C, VI = 5 V, VO = 3.3 V, CI = 200 µF ceramic, CO = 300 µF ceramic, and IO = IO max (unless otherwise stated) PARAMETER TEST CONDITIONS PTH08T241W UNIT MIN TYP MAX CI External input capacitance Ceramic 200 (6) µF w/o TurboTrans Capacitance Value Ceramic 300 (7) 3000 (8) µF see table CO External output capacitance Capacitance Value 5000 µF (7) w/ TurboTrans Capacitance × ESR product (C O× ESR) 100 1000 µF ×mΩ Per Telcordia SR-332, 50% stress, MTBF Reliability 6.1 106 Hr TA = 40°C, ground benign (6) 200 µF of ceramic input capacitance is required for proper operation. (7) 300 µF of ceramic output capacitance is required for basic operation. The minimum output capacitance requirement increases when TurboTrans™ (TT) technology is utilized. Additionally, low ESR capacitors are required for proper operation. See related Application Information for more guidance. (8) This is the calculated maximum disregarding TurboTrans™ technology. 7 Submit Documentation Feedback |
Similar Part No. - PTH08T240WAS |
|
Similar Description - PTH08T240WAS |