Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62403 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62403
Description  2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62403 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62403 Datasheet HTML 7Page - Texas Instruments TPS62403 Datasheet HTML 8Page - Texas Instruments TPS62403 Datasheet HTML 9Page - Texas Instruments TPS62403 Datasheet HTML 10Page - Texas Instruments TPS62403 Datasheet HTML 11Page - Texas Instruments TPS62403 Datasheet HTML 12Page - Texas Instruments TPS62403 Datasheet HTML 13Page - Texas Instruments TPS62403 Datasheet HTML 14Page - Texas Instruments TPS62403 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
www.ti.com
1.500
1.525
1.550
1.575
1.600
1.625
1.650
0.01
0.10
1
10
1000
I
-mA
OUT
MODE/DATA =low,PFMMode,voltagepositioningactive
MODE/DATA =high,forcedPWMMode
100
PWMMode
Operation
V
=1.575V
OUT1
V
=4.2V
IN
V
=3.6V
IN
V
=3.6V
IN
V
=4.2V
IN
V
=2.7V
IN
V
=2.7V
IN
1.500
1.525
1.550
1.575
1.600
1.625
1.650
0.01
0.10
1
10
1000
I
-mA
OUT
MODE/DATA =low,PFMMode,voltagepositioningactive
MODE/DATA =high,forcedPWMMode
100
PWMMode
Operation
V
=1.575V
OUT1
V
=3.6V
IN
V
=4.2V
IN
V
=2.7V
IN
V
=4.2V
IN
V
=3.6V
IN
V
=2.7V
IN
2
2.05
2.1
2.15
2.2
2.25
2.3
2.35
2.4
2.45
2.5
2.5
3
3.5
4
4.5
5
5.5
6
V
-V
IN
-40°C
25°C
85°C
17
18
19
20
21
22
23
24
2.5
3
3.5
4
4.5
5
5.5
6
V
-V
IN
85°C
25°C
-40°C
TPS62400
,, TPS62401
TPS62403
SLVS681C – JUNE 2006 – REVISED DECEMBER 2006
DC OUTPUT ACCURACY VOUT1 = 1.575V,
DC OUTPUT ACCURACY VOUT1 = 1.575V,
L = 2.2
µH, C
OUT = 22µF
L = 3.3
µH, C
OUT = 10µF
Figure 11.
Figure 12.
FOSC vs VIN
Iq FOR ONE CONVERTER, NOT SWITCHING
Figure 13.
Figure 14.
11
Submit Documentation Feedback


Similar Part No. - TPS62403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62403 TI-TPS62403 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI1-TPS62403 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62403 TI1-TPS62403 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
More results

Similar Description - TPS62403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62400_101 TI-TPS62400_101 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_07 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_10 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI1-TPS62400_14 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62420 TI1-TPS62420_14 Datasheet
1Mb / 37P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62420 TI-TPS62420 Datasheet
1Mb / 32P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI1-TPS62410-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410 TI-TPS62410 Datasheet
1Mb / 34P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI-TPS62410-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
logo
Union Semiconductor, In...
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com