Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8003 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8003
Description  Triple, 1.5 GHz Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8003 Datasheet(HTML) 4 Page - Analog Devices

  AD8003 Datasheet HTML 1Page - Analog Devices AD8003 Datasheet HTML 2Page - Analog Devices AD8003 Datasheet HTML 3Page - Analog Devices AD8003 Datasheet HTML 4Page - Analog Devices AD8003 Datasheet HTML 5Page - Analog Devices AD8003 Datasheet HTML 6Page - Analog Devices AD8003 Datasheet HTML 7Page - Analog Devices AD8003 Datasheet HTML 8Page - Analog Devices AD8003 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8003
Rev. A | Page 4 of 16
SPECIFICATIONS WITH +5 V SUPPLY
TA = 25°C, VS = 5 V, RL = 150 Ω, Gain = +2, RF = 464 Ω, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
G = +1, Vo = 0.2 V p-p, RF = 432 Ω
1050
MHz
G = +2, Vo = 2 V p-p
590
MHz
G = +10, Vo = 0.2 V p-p
290
MHz
G = +5, Vo = 2 V p-p
310
MHz
Bandwidth for 0.1 dB Flatness
Vo = 2 V p-p
83
MHz
Slew Rate
G = +2, Vo = 2 V step, RL = 150 Ω
2860
V/μs
Settling Time to 0.1%
G = +2, Vo = 2 V step
12
ns
Overload Recovery Input/Output
40/60
ns
NOISE/HARMONIC PERFORMANCE
Second/Third Harmonic @ 5 MHz
G = +1, Vo = 2 V p-p
75/78
dBc
Second/Third Harmonic @ 20 MHz
G = +1, Vo = 2 V p-p
66/61
dBc
Input Voltage Noise
f = 1 MHz
1.8
nV/√Hz
Input Current Noise (I/I+)
f = 1 MHz
36/3
pA/√Hz
Differential Gain Error
NTSC, G = +2, RL = 150 Ω
0.04
%
Differential Phase Error
NTSC, G = +2, RL = 150 Ω
0.01
Degree
DC PERFORMANCE
Input Offset Voltage
−6.5
+2.7
+11
mV
TMIN − TMAX
2.06
mV
Input Offset Voltage Drift
14.2
μV/°C
Input Bias Current (+IB/−IB)
−21/−50
−7.7/−2.3
+5/+48
μA
TMIN − TMAX (+IB/−IB)
−4/−27.8
μA
Input Offset Current
±5.4
μA
Transimpedance
300
530
1500
INPUT CHARACTERISTICS
Noninverting Input Impedance
1.6/3
MΩ/pF
Input Common-Mode Voltage Range
1.3 to 3.7
V
Common-Mode Rejection Ratio
−50
−48
−45
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 150 Ω
±1.52
±1.57
±1.62
V
Linear Output Current
VO = 2 V p-p, second harmonic < −50 dBc
70
mA
Capacitive Load Drive
45% over shoot
27
pF
POWER DOWN PINS
Power-Down Input Voltage
Power down
<VS − 2.5
V
Enable
>VS − 2.5
V
Turn-Off Time
50% of power-down voltage to
10% of VOUT final, VIN = 0.5 V p-p
125
ns
Turn-On Time
50% of power-down voltage to
90% of VOUT final, VIN = 0.5 V p-p
80
ns
Input Current
Enabled
0.1
μA
Power-Down
−160
−43
+80
μA
POWER SUPPLY
Operating Range
4.5
10
V
Quiescent Current per Amplifier
Enabled
6.3
7.9
9.4
mA
Quiescent Current per Amplifier
Power down
0.8
0.9
1.1
mA
Power Supply Rejection Ratio (+PSRR/−PSRR)
−59/−56
−57/−53
−55/−50
dB


Similar Part No. - AD8003

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8003 AD-AD8003 Datasheet
947Kb / 17P
   Triple, 1.5 GHz Op Amp
REV. C
AD8003ACHIPS AD-AD8003ACHIPS Datasheet
782Kb / 17P
   Triple, 1.5 GHz Op Amp
AD8003ACPZ-EBZ AD-AD8003ACPZ-EBZ Datasheet
782Kb / 17P
   Triple, 1.5 GHz Op Amp
AD8003ACPZ-R2 AD-AD8003ACPZ-R2 Datasheet
782Kb / 17P
   Triple, 1.5 GHz Op Amp
AD8003ACPZ-REEL7 AD-AD8003ACPZ-REEL7 Datasheet
782Kb / 17P
   Triple, 1.5 GHz Op Amp
More results

Similar Description - AD8003

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8003 AD-AD8003_16 Datasheet
782Kb / 17P
   Triple, 1.5 GHz Op Amp
AD8003 AD-AD8003_15 Datasheet
947Kb / 17P
   Triple, 1.5 GHz Op Amp
REV. C
AD8000 AD-AD8000_15 Datasheet
611Kb / 21P
   1.5 GHz Ultrahigh Speed Op Amp
REV. B
AD8000 AD-AD8000 Datasheet
525Kb / 20P
   1.5 GHz Ultrahigh Speed Op Amp
REV. 0
ADA4862-3 AD-ADA4862-3_15 Datasheet
484Kb / 17P
   Low Cost, Triple Op Amp
REV. A
logo
ON Semiconductor
NCS2535 ONSEMI-NCS2535 Datasheet
230Kb / 12P
   Triple 1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
NCS2535 ONSEMI-NCS2535_06 Datasheet
233Kb / 13P
   Triple 1.4 GHz Current Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
logo
Micrel Semiconductor
MIC916 MICREL-MIC916_05 Datasheet
185Kb / 12P
   Triple 135MHz Low-Power Op Amp
MIC916 MICREL-MIC916 Datasheet
144Kb / 13P
   Triple 135MHz Low-Power Op Amp
logo
Texas Instruments
LMH6738 TI1-LMH6738 Datasheet
966Kb / 20P
[Old version datasheet]   Very Wideband, Low Distortion Triple Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com