Selected language     English  ▼


ADA4862-3 Datasheet(PDF) 4 Page - Analog Devices

Part No. ADA4862-3
Description  High Speed, G = 2, Low Cost, Triple Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 4 page
background image
ADA4862-3
Rev. A | Page 4 of 16
VS = ±5 V (@TA = +25oC, G = +2, RL = 150 Ω, unless otherwise noted).
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
VO = 0.2 V p-p
310
MHz
VO = 2 V p-p
260
MHz
G = +1
VO = 0.2 V p-p
720
MHz
Bandwidth for 0.1 dB Flatness
VO = 2 V p-p
54
MHz
+Slew Rate (Rising Edge)
VO = 2 V p-p
1050
V/μs
−Slew Rate (Falling Edge)
VO = 2 V p-p
830
V/μs
Settling Time to 0.5%
VO = 2 V step
9
ns
DISTORTION/NOISE PERFORMANCE
Harmonic Distortion HD2
fC = 1 MHz, VO = 2 V p-p
−87
dBc
Harmonic Distortion HD3
fC = 1 MHz, VO = 2 V p-p
−100
dBc
Harmonic Distortion HD2
fC = 5 MHz, VO = 2 V p-p
−74
dBc
Harmonic Distortion HD3
fC = 5 MHz, VO = 2 V p-p
−90
dBc
Voltage Noise (RTO)
f = 100 kHz
10.6
nV/√Hz
Current Noise (RTI)
f = 100 kHz, +IN
1.4
pA/√Hz
Differential Gain
0.01
%
Differential Phase
0.02
Degrees
Crosstalk
Amplifier 1 driven, Amplifier 2 output
measured, f = 1 MHz
−75
dB
DC PERFORMANCE
Offset Voltage (RTO)
−25
+2
+25
mV
+Input Bias Current
−2.5
−0.6
+1
μA
Gain Accuracy
1.9
2
2.1
V/V
INPUT CHARACTERISTICS
Input Resistance
+IN
14
Input Capacitance
+IN
2
pF
Input Common-Mode Voltage Range
G = +1
−3.7 to +3.8
V
POWER DOWN PIN
Input Voltage
Enabled
−4.4
V
Power down
−3.2
V
Bias Current
Enabled
−3
μA
Power down
250
μA
Turn-On Time
3.5
μs
Turn-Off Time
200
ns
OUTPUT CHARACTERISTICS
Output Overdrive Recovery Time (Rise/Fall)
VIN = ±3.0 V
85/40
ns
Output Voltage Swing
RL = 150 Ω
−3.5 to +3.5
V
Output Voltage Swing
RL = 1 kΩ
−3.9 to +3.9
V
Short-Circuit Current
Sinking or sourcing
115
mA
POWER SUPPLY
Operating Range
5
12
V
Total Quiescent Current
Enabled
14.5
17.9
20.5
mA
Quiescent Current/Amplifier
Power down = +VS
0.3
0.5
mA
Power Supply Rejection Ratio (RTO)
dB
+PSR
+VS = 4 V to 6 V, −VS = −5 V
−54
−57
dB
−PSR
+VS = 5 V, −VS = −4 V to −6 V,
Power Down pin = −VS
+50.5
−54
dB




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD8003Triple 1.5 GHz Op Amp 1 2 3 4 5 MoreAnalog Devices
ADT6501Low Cost 2.7 V to 5.5 V Micropower Temperature Switches in SOT-23 1 2 3 4 5 MoreAnalog Devices
AP3842High Performance Current Mode PWM Controller 1 2 3 4 5 MoreAnachip Corp
PT78ST1001.5 Amp Positive Step-Down Integrated Switching Regulator 1 2 3 4 Texas Instruments
FAN41131.2V 36MHz Low Power Rail-to-Rail Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
VAM-EV1VIDEO AMP MODULE EV-BOARD 1 Hitachi Semiconductor
NE13700LOW NOISE KU-BAND GAAS MESFET 1 2 3 4 5 NEC
ADN28824.25 Gbps 3.3V Low Noise Transimpedance Amplifier 1 2 3 4 5 MoreAnalog Devices
CY7C4282V64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion 1 2 3 4 5 MoreCypress Semiconductor
HMC585MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl