Selected language     English  ▼


ADA4862-3 Datasheet(PDF) 6 Page - Analog Devices

Part No. ADA4862-3
Description  High Speed, G = 2, Low Cost, Triple Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 6 page
background image
ADA4862-3
Rev. A | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
8
0
0.1
1000
FREQUENCY (MHz)
1
10
100
7
6
5
4
3
2
1
G = +2
RL = 150Ω
CL = 4pF
VOUT = 0.2V p-p
VS = +5V
VS = ±5V
Figure 4. Small Signal Frequency Response for Various Supplies
8
0
0.1
1000
FREQUENCY (MHz)
1
10
100
7
6
5
4
3
2
1
VS = ±5V
VS = +5V
G = +2
RL = 150Ω
CL = 4pF
VOUT = 2V p-p
Figure 5. Large Signal Frequency Response for Various Supplies
6.1
5.1
0.1
1000
FREQUENCY (MHz)
1
10
100
6.0
5.9
5.8
5.7
5.6
5.5
5.4
5.3
5.2
G = +2
RL = 150Ω
CL = 4pF
VOUT = 2V p-p
VS = +5V
VS = ±5V
Figure 6. Large Signal 0.1 dB Bandwidth for Various Supplies
200
2.7
–200
2.3
100
2.6
0
2.5
–100
2.4
VS = +5V
VS = ±5V
G = +2
RL = 150Ω
CL = 4pF
VOUT = 0.2V p-p
TIME = 5ns/DIV
Figure 7. Small Signal Transient Response for Various Supplies
200
–200
150
100
50
0
–50
–100
–150
G = +2
RL = 150Ω
CL = 4pF
VOUT = 0.2V p-p
VS = ±5V
TIME = 5ns/DIV
CL = 9pF
CL = 6pF
CL = 4pF
Figure 8. Small Signal Transient Response for Various Capacitor Loads
2.7
2.3
2.6
2.5
2.4
CL = 6pF
CL = 9pF
CL = 4pF
G = +2
RL = 150Ω
VOUT = 0.2V p-p
VS = 5V
TIME = 5ns/DIV
Figure 9. Small Signal Transient Response for Various Capacitor Loads




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD8003Triple 1.5 GHz Op Amp 1 2 3 4 5 MoreAnalog Devices
ADT6501Low Cost 2.7 V to 5.5 V Micropower Temperature Switches in SOT-23 1 2 3 4 5 MoreAnalog Devices
AP3842High Performance Current Mode PWM Controller 1 2 3 4 5 MoreAnachip Corp
PT78ST1001.5 Amp Positive Step-Down Integrated Switching Regulator 1 2 3 4 Texas Instruments
FAN41131.2V 36MHz Low Power Rail-to-Rail Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
VAM-EV1VIDEO AMP MODULE EV-BOARD 1 Hitachi Semiconductor
NE13700LOW NOISE KU-BAND GAAS MESFET 1 2 3 4 5 NEC
ADN28824.25 Gbps 3.3V Low Noise Transimpedance Amplifier 1 2 3 4 5 MoreAnalog Devices
CY7C4282V64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion 1 2 3 4 5 MoreCypress Semiconductor
HMC585MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl