Selected language     English  ▼


ADA4862-3 Datasheet(PDF) 1 Page - Analog Devices

Part No. ADA4862-3
Description  High Speed, G = 2, Low Cost, Triple Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 1 page
background image
High Speed, G = +2,
Low Cost, Triple Op Amp
ADA4862-3
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Ideal for RGB/HD/SD video
Supports 1080i/720p resolution
High speed
−3 dB bandwidth: 300 MHz
Slew rate: 750 V/μs
Settling time: 9 ns ( 0.5%)
0.1 dB flatness: 65 MHz
Differential gain: 0.02%
Differential phase: 0.03°
Wide supply range: 5 V to 12 V
Low power: 5.3 mA/amp
Low voltage offset (RTO): 3.5 mV (typ)
High output current: 25 mA
Also configurable for gains of +1, −1
Power-down
APPLICATIONS
Consumer video
Professional video
Filter buffers
PIN CONFIGURATION
POWER DOWN 1
1
POWER DOWN 2
2
POWER DOWN 3
3
+VS
4
VOUT2
14
–IN 2
13
+IN 2
12
–VS
11
+IN 1
5
+IN 3
10
–IN 1
6
–IN 3
9
VOUT1
7
VOUT3
8
ADA4862-3
550
Ω
550
Ω
550
Ω
550
Ω
550
Ω
550
Ω
Figure 1. 14-Lead SOIC (R-14)
GENERAL DESCRIPTION
The ADA4862-3 (triple) is a low cost, high speed, internally
fixed, G = +2 op amp, which provides excellent overall
performance for high definition and RGB video applications.
The 300 MHz, G = +2, −3 dB bandwidth, and 750 V/μs slew
rate make this amplifier well suited for many high speed
applications. The ADA4862-3 can also be configured to
operate in gains of G = +1 and G = −1.
With its combination of low price, excellent differential gain
(0.02%), differential phase (0.03°), and 0.1 dB flatness out to
65 MHz, this amplifier is ideal for both consumer and
professional video applications.
The ADA4862-3 is designed to operate on supply voltages as
low as +5 V and up to ±5 V using only 5.3 mA/amp of supply
current. To further reduce power consumption, each amplifier
is equipped with a power-down feature that lowers the supply
current to 200 μA/amp. The ADA4862-3 also consumes less
board area because feedback and gain set resistors are on-chip.
Having the resistors on chip simplifies layout and minimizes the
required board space.
The ADA4862-3 is available in a 14-lead SOIC package and is
designed to work in the extended temperature range of −40°C
to +105°C.
6.1
5.1
0.1
1000
FREQUENCY (MHz)
1
10
100
6.0
5.9
5.8
5.7
5.6
5.5
5.4
5.3
5.2
G = +2
RL = 150Ω
CL = 4pF
VOUT = 2V p-p
VS = +5V
VS = ±5V
Figure 2. Large Signal 0.1 dB Bandwidth for Various Supplies




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD8003Triple 1.5 GHz Op Amp 1 2 3 4 5 MoreAnalog Devices
ADT6501Low Cost 2.7 V to 5.5 V Micropower Temperature Switches in SOT-23 1 2 3 4 5 MoreAnalog Devices
AP3842High Performance Current Mode PWM Controller 1 2 3 4 5 MoreAnachip Corp
PT78ST1001.5 Amp Positive Step-Down Integrated Switching Regulator 1 2 3 4 Texas Instruments
FAN41131.2V 36MHz Low Power Rail-to-Rail Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
VAM-EV1VIDEO AMP MODULE EV-BOARD 1 Hitachi Semiconductor
NE13700LOW NOISE KU-BAND GAAS MESFET 1 2 3 4 5 NEC
ADN28824.25 Gbps 3.3V Low Noise Transimpedance Amplifier 1 2 3 4 5 MoreAnalog Devices
CY7C4282V64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion 1 2 3 4 5 MoreCypress Semiconductor
HMC585MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl