Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCY34A Datasheet(PDF) 1 Page - Seme LAB

Part # BCY34A
Description  SMALL SIGNAL PNP TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BCY34A Datasheet(HTML) 1 Page - Seme LAB

  BCY34A Datasheet HTML 1Page - Seme LAB BCY34A Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number 3294
Issue 1
BCY34A
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
SMALL SIGNAL
PNP TRANSISTORS
FEATURES
• Ruggedness
• Restricted Bandwidth
• High Reverse Emitter Voltage
VCBO
Collector Base Voltage
VCEO
Collector Emitter Voltage
VEBO
Reverse Emitter Base Voltage
IC(PK)
Peak Collector Current
ICM
Collector Current
Device Dissipation
TJ
Operating Junction Tempeature
Tstg
Storage Temperature Range
R
θj-c
Thermal Resistance Junction to Case
- 32V
- 32V
- 32V
- 150mA
- 100mA
600mW
175°C
-55 to 200°C
0.5°C/mW
MECHANICAL DATA
Dimensions in mm (inches)
TO5 PACKAGE (TO205AA)
ABSOLUTE MAXIMUM RATINGS (Tamb = 25°C unless otherwise stated)
Pin 1 = Emitter
Underside View
Pin 2 = Base
Pin 3 = Collector
0.89
(0.035)
max.
38.00
(1.5)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)


Similar Part No. - BCY34A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BCY34AL SEME-LAB-BCY34AL Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO5
More results

Similar Description - BCY34A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DMMT3906 MCC-DMMT3906_11 Datasheet
236Kb / 4P
   PNP Small Signal Transistors
logo
General Semiconductor
2N4403 GE-2N4403 Datasheet
98Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
BC327 GE-BC327 Datasheet
243Kb / 5P
   Small Signal Transistors (PNP)
BC556 GE-BC556 Datasheet
253Kb / 6P
   Small Signal Transistors (PNP)
MMBT4403 GE-MMBT4403 Datasheet
116Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
MPS2907A GE-MPS2907A Datasheet
39Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
logo
Micro Commercial Compon...
MMSTA92 MCC-MMSTA92_11 Datasheet
204Kb / 2P
   PNP Small Signal Transistors
MMST2907A MCC-MMST2907A_11 Datasheet
193Kb / 2P
   PNP Small Signal Transistors
logo
Vishay Siliconix
BCW61 VISHAY-BCW61 Datasheet
40Kb / 3P
   Small Signal Transistors (PNP)
09-May-02
logo
General Semiconductor
MMBT3906 GE-MMBT3906 Datasheet
136Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
MMBTA56 GE-MMBTA56 Datasheet
56Kb / 2P
   Small Signal Transistors (PNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com