Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3861-3868 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UC3861-3868
Description  Resonant-Mode Power Supply Controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UC3861-3868 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UC3861-3868 Datasheet HTML 1Page - List of Unclassifed Manufacturers UC3861-3868 Datasheet HTML 2Page - List of Unclassifed Manufacturers UC3861-3868 Datasheet HTML 3Page - List of Unclassifed Manufacturers UC3861-3868 Datasheet HTML 4Page - List of Unclassifed Manufacturers UC3861-3868 Datasheet HTML 5Page - List of Unclassifed Manufacturers UC3861-3868 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC3861-3868 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC3861-3868 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC3861-3868 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UC1861-1868
UC2861-2868
UC3861-3868
10/98
FEATURES
• Controls Zero Current Switched (ZCS)
or Zero Voltage Switched (ZVS)
Quasi-Resonant Converters
• Zero-Crossing Terminated One-Shot
Timer
• Precision 1%, Soft-Started 5V
Reference
• Programmable Restart Delay
Following Fault
• Voltage-Controlled Oscillator (VCO)
with Programmable Minimum and
Maximum Frequencies from 10kHz to
1MHz
• Low Start-Up Current (150µA typical)
• Dual 1 Amp Peak FET Drivers
• UVLO Option for Off-Line or DC/DC
Applications
DESCRIPTION
The UC1861-1868 family of ICs is optimized for the control of Zero Cur-
rent Switched and Zero Voltage Switched quasi-resonant converters. Dif-
ferences between members of this device family result from the various
combinations of UVLO thresholds and output options. Additionally, the
one-shot pulse steering logic is configured to program either on-time for
ZCS systems (UC1865-1868), or off-time for ZVS applications (UC1861-
1864).
The primary control blocks implemented include an error amplifier to com-
pensate the overall system loop and to drive a voltage controlled oscillator
(VCO), featuring programmable minimum and maximum frequencies. Trig-
gered by the VCO, the one-shot generates pulses of a programmed maxi-
mum width, which can be modulated by the Zero Detection comparator.
This circuit facilitates “true” zero current or voltage switching over various
line, load, and temperature changes, and is also able to accommodate the
resonant components' initial tolerances.
Under-Voltage Lockout is incorporated to facilitate safe starts upon
power-up. The supply current during the under-voltage lockout period is
typically less than 150
µA, and the outputs are actively forced to the low
state.
(continued)
BLOCK DIAGRAM
Resonant-Mode Power Supply Controllers
UDG-92018
Pin numbers refer to the J and N packages.
Device
1861
1862
1863
1864
1865
1866
1867
1868
UVLO
16.5/10.5
16.5/10.5
36014
36014
16.5/10.5
16.5/10.5
36014
36014
Outputs
Alternating
Parallel
Alternating
Parallel
Alternating
Parallel
Alternating
Parallel
“Fixed”
Off Time
Off Time
Off Time
Off Time
On Time
On Time
On Time
On Time


Similar Part No. - UC3861-3868

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3861 TI-UC3861 Datasheet
438Kb / 9P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC3861 TI1-UC3861 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC3861DW TI-UC3861DW Datasheet
438Kb / 9P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC3861DW TI1-UC3861DW Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC3861DW TI1-UC3861DW Datasheet
3Mb / 15P
[Old version datasheet]   Resonant-Mod Power Supply Controllers
More results

Similar Description - UC3861-3868

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1861 TI-UC1861 Datasheet
438Kb / 9P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_16 Datasheet
3Mb / 15P
[Old version datasheet]   Resonant-Mod Power Supply Controllers
UC3860N TI-UC3860N Datasheet
548Kb / 10P
[Old version datasheet]   Resonant Mode Power Supply Controller
UC1860 TI-UC1860 Datasheet
584Kb / 9P
[Old version datasheet]   Resonant Mode Power Supply Controller
logo
ON Semiconductor
MC34067 ONSEMI-MC34067_05 Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC33067 ONSEMI-MC33067_15 Datasheet
540Kb / 16P
   High Performance Resonant Mode Controllers
August, 2015 ??Rev. 15
MC34067 ONSEMI-MC34067_09 Datasheet
634Kb / 16P
   High Performance Resonant Mode Controllers
December, 2009 ??Rev. 13
logo
Motorola, Inc
MC34066 MOTOROLA-MC34066 Datasheet
171Kb / 12P
   High Performance Resonant Mode Controllers
logo
STMicroelectronics
STEVAL-ISA017V1 STMICROELECTRONICS-STEVAL-ISA017V1 Datasheet
95Kb / 4P
   Switch mode Quasi-Resonant Flyback Power Supply
March 2007 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com