Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPV7C24A61LPN Datasheet(PDF) 4 Page - ITT Industries

Part # TPV7C24A61LPN
Description  1 Filter Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TPV7C24A61LPN Datasheet(HTML) 4 Page - ITT Industries

  TPV7C24A61LPN Datasheet HTML 1Page - ITT Industries TPV7C24A61LPN Datasheet HTML 2Page - ITT Industries TPV7C24A61LPN Datasheet HTML 3Page - ITT Industries TPV7C24A61LPN Datasheet HTML 4Page - ITT Industries TPV7C24A61LPN Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.ittcannon.com
311
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-26482 Series 2/-83723 Series 1 Filter Connectors
TPV
Contact Arrangements
Contact - Pin and Socket
(Face view, pin insert)
Shell Size/Arr. No.
No. of Contacts
Contacts Size
10-6
6
#20
12-8
8
#20
12-10
10
#20
14-5
5
#16
14-21
4 B
#16 #20
14-15
1 14
#16 #20
Shell Size/Arr. No.
No. of Contacts
Contacts Size
14-18
18
#20
14-19
19
#20
16-8
8
#16
16-26
26
#20
18-8
8
#12
18-32
32
#20
Shell Size/Arr. No.
No. of Contacts
Contacts Size
Consult factory for availability of other contact arrangements. Availabl for In-Line Adapters also.
Alternate Polarizing Positions - Page 162
Note: Solder pot extension typically will be .200 (5.08) max. beyond shell rear.
Standard Contact Terminations
Finish: Gold plate per MIL-G-45204, Type 1,
Class 1, over nickel plate per QQ-N-290.
A
C
DIA.
B
DIA.
Pin/Solder Pot
Pin/Printed Circuit
DIA. .020 (.51) X.250 (6.35) EXT.
BEYOND SHELL REAR
.025 (.64) SQ. X .500 (12.70) EXT.
BEYOND SHELL REAR
Pin/Wire Wrap
.186
(4.72)
MAX.
B
DIA.
Socket/Solder Pot
Contact Size
#20
.125 (3.18)
.110 (2.79)
.160 (4.06)
.150 (3.81)
.049 (1.24)
.045 (1.14)
.077 (1.96)
.068 (1.73)
.073 (1.85)
.068 (1.73)
.104 (2.64)
.097 (2.46)
#16
A
B Dia.
C Dia.
C
DIA.
20-39
2 37
#16 #20
20-41
41
#20
22-21
21
#16
22-55
55
#20
24-61
61
#20
A
B
C
D
E
F
a
A
A A
A
a
A
A
A
A
a
A
A
a
A
A
A
A
A
A
b
B
B B
B
b
B
B
B
B
b
B
B
b
B
B
B
B
B
B
c
C
C C
C
c
C
C
C
C
c
C
C
c
C
C
C
C
C
C
DD
d
D
D
d
D
D
D
D
D
D
d
D
D
D
D
D
D
e
E
EE
E
e
E
E
E
E
E
E
e
E
E
E
E
E
E
f
FF
F
F
f
F
F
F
F
F
F
f
F
F
F
F
F
g
GG
G
G
g
G
G
G
G
G
G
g
G
G
G
G
G
h
HH
H
H
h
H
H
H
H
H
H
h
H
H
H
H
H
i
i
j
J
J
j
J
J
J
J
j
J
J
J
J
k
K
K
k
K
K
K
K
K
K
K
K
L
L
L
L
L
L
L
L
L
m
M
M
m
M
M
M
M
M
M
M
n
N
N
n
N
N
N
N
N
N
p
P
P
p
P
P
P
P
P
P
q
q
r
R
R
r
R
R
R
R
R
R
s
S
S
S
S
S
S
S
t
T
T
T
T
T
T
T
u
U
U
U
U
U
U
U
v
V
V
V
V
V
V
w
W
W
W
W
W
x
X
X
X
X
X
y
Y
Y
Y
Y
z
Z
a
A
A A
b
B
B B
c
C
C C
DD
d
D
e
E
EE
f
FF
F
g
GG
G
h
HH
J J
K K
L L
MM
NN
P P
H
i
j
J
k
K
L
m
M
n
N
p
P
q
r
R
s
S
t
T
u
U
v
V
w
W
x
X
y
Y
z
Z
Z
a
A
b
B
c
C
d
D
e
E
f
F
g
G
h
H
i
j
J
k
K
L
m
M
n
N
p
P
q
r
s
t
R
S
T
U
V
W
X
Y
Z
Z
Z


Similar Part No. - TPV7C24A61LPN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TPV7025 MOTOROLA-TPV7025 Datasheet
79Kb / 4P
   UHF LINEAR POWER TRANSISTOR
logo
Advanced Semiconductor
TPV7025 ASI-TPV7025 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
Wuxi Unigroup Microelec...
TPV70R110C WUMC-TPV70R110C Datasheet
772Kb / 8P
   700V Super-Junction Power MOSFET
TPV70R190C WUMC-TPV70R190C Datasheet
908Kb / 10P
   700V Super-Junction Power MOSFET
More results

Similar Description - TPV7C24A61LPN

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TKJLOC0ALPN ITT-TKJLOC0ALPN Datasheet
231Kb / 3P
   Filter Connectors
TD1E9LPH-C ITT-TD1E9LPH-C Datasheet
81Kb / 3P
   Filter Connectors
logo
List of Unclassifed Man...
ARINC404 ETC2-ARINC404 Datasheet
967Kb / 2P
   ARINC Filter Connectors
logo
Glenair, Inc.
240-032-1-9PPA GLENAIR-240-032-1-9PPA Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-033-1-9P GLENAIR-240-033-1-9P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
240-031-1-25PP GLENAIR-240-031-1-25PP Datasheet
426Kb / 4P
   Micro-D Filter Connectors
240-030 GLENAIR-240-030 Datasheet
152Kb / 2P
   Micro-D Filter Connectors
240-034-1-9PC GLENAIR-240-034-1-9PC_08 Datasheet
499Kb / 4P
   Micro-D Filter Connectors
240-030-1-25PP GLENAIR-240-030-1-25PP Datasheet
475Kb / 2P
   Micro-D Filter Connectors
logo
KR Electronics, Inc.
2297-1-BNC KR-2297-1-BNC Datasheet
57Kb / 3P
   1 MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com