Selected language     English  ▼


IRF3704ZCSPBF Datasheet(PDF) 5 Page - International Rectifier

Part No. IRF3704ZCSPBF
Description  HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

 
 5 page
background image
IRF3704ZCS/LPbF
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current vs.
Case Temperature
Fig 10. Threshold Voltage vs. Temperature
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
10
20
30
40
50
60
70
LIMITED BY PACKAGE
-75 -50 -25
0
25 50 75 100 125 150 175 200
TJ , Temperature ( °C )
0.6
1.0
1.4
1.8
2.2
2.6
ID = 250µA
1E-006
1E-005
0.0001
0.001
0.01
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
Ri (°C/W)
τi (sec)
0.920
0.000139
0.194
0.000602
0.538
0.001567
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
τ
τ
C
Ci=
τi/Ri
Ci=
τi/Ri




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRLZ4SHEXFET POWER MOSFET 1 2 3 4 5 MoreInternational Rectifier
ZXTDCM832MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR 1 2 3 4 5 MoreZetex Semiconductors
PTH08T241W10-A 4.5-V to 14-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUSTABLE POWER MODULE WITH TURBOTRANS 1 2 3 4 5 MoreTexas Instruments
PJP75N7575V N-Channel Enhancement Mode MOSFET 1 2 3 4 Pan Jit International Inc.
UC1861-1868Resonant-Mode Power Supply Controllers 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SI7842DPDual N-Channel 30-V D-S MOSFET with Schottky Diode 1 2 3 4 5 Vishay Siliconix
ZXMP6A17DN8DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET 1 2 3 4 5 MoreZetex Semiconductors
MRF7S19100NR1RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1 2 3 4 5 MoreFreescale Semiconductor, Inc
FAN41131.2V 36MHz Low Power Rail-to-Rail Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
P1935Power Amplifier 1880-1920 MHz 35 dB min. Gain @ 1900MHz 1 2 3 4 5 PREMIER DEVICES, INC.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl