Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM140JAN Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM140JAN
Description  Three Terminal Positive Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM140JAN Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM140JAN Datasheet HTML 1Page - National Semiconductor (TI) LM140JAN Datasheet HTML 2Page - National Semiconductor (TI) LM140JAN Datasheet HTML 3Page - National Semiconductor (TI) LM140JAN Datasheet HTML 4Page - National Semiconductor (TI) LM140JAN Datasheet HTML 5Page - National Semiconductor (TI) LM140JAN Datasheet HTML 6Page - National Semiconductor (TI) LM140JAN Datasheet HTML 7Page - National Semiconductor (TI) LM140JAN Datasheet HTML 8Page - National Semiconductor (TI) LM140JAN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LM140H-5.0 (JL140-5BXA, SXA) JAN Electrical Characteristics
DC Parameters
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
V
O (1)
Output Voltage
V
I = 8V, IL = -5mA
4.75
5.25
V
1, 2, 3
V
I = 8V, IL = -500mA
4.75
5.25
V
1, 2, 3
V
I = 20V, IL = -5mA
4.75
5.25
V
1, 2, 3
V
I = 20V, IL = -500mA
4.75
5.25
V
1, 2, 3
V
I = 35V, IL = -5mA
4.75
5.25
V
1, 2, 3
V
I = 35V, IL = -50mA
4.75
5.25
V
1, 2, 3
V
RLine
Line Regulation
8V
≤ V
I
≤ 35V, I
L = -50mA
-150
150
mV
1, 2, 3
8V
≤ V
I
≤ 25V, I
L = -350mA
-50
50
mV
1, 2, 3
V
RLoad
Load Regulation
V
I = 10V, -500mA
≤ I
L
≤ -5mA
-100
100
mV
1, 2, 3
V
I = 35V, -50mA
≤ I
L
≤ -5mA
-150
150
mV
1, 2, 3
I
SCD
Stand by Current Drain
V
I = 10V, IL = -5mA
-7.0
-0.5
mA
1, 2, 3
V
I = 35V, IL = -5mA
-8.0
-0.5
mA
1, 2, 3
∆I
SCD Line
Stand by I
Drain vs. VLine
8V
≤ V
I
≤ 35V, I
L = -5mA
-1.0
1.0
mA
1, 2, 3
∆I
SCD Load
Stand by I
Drain vs. ILoad
V
I = 10V, -500mA
≤ I
L
≤ -5mA
-0.5
0.5
mA
1, 2, 3
I
OL
Overload Current
V
I = 8V, Forced
∆V
O = -0.48V
-2.0
-0.5
A
1, 2, 3
I
OS
Output Short Circuit Current
V
I = 10V
-2.0
-0.01
A
1, 2, 3
V
I = 25V
-1.5
-0.01
A
1, 2, 3
V
I = 35V
-1.0
-0.01
A
1, 2, 3
V
O (2)
Output Voltage
V
I = 10V, IL = -5mA
(Note 4)
4.7
5.3
V
2
V
O (3)
Output Voltage
V
I = 10V, IL = -5mA
(Note 5)
4.75
5.25
V
7, 8A, 8B
∆V
O /
∆T
Average Temperature
Coefficient of Output Voltage
V
I = 10V, IL = -5mA,
25˚C
≤ T
A
≤ 125˚C
(Note 6)
-2.0
2.0
mV/˚C
8A
V
I = 10V, IL = -5mA,
-55˚C
≤ T
A
≤ 25˚C
(Note 6)
-2.0
2.0
mV/˚C
8B
AC Parameters
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
NO
Output Noise Voltage
V
I = 10V, IL = -50mA
125
µV
RMS
7
∆V
O /
∆V
I
Transient Line Response
V
I = 10V, IL = -5mA,
V
Pulse =3V
30
mV/V
7
∆V
O /
∆I
L
Transient Load Response
V
I = 10V,
∆I
L = -200mA,
I
L = -50mA
2.5
mV/mA
7
∆V
I /
∆V
O
Ripple Rejection
V
I = 10V, IL = -125mA,
e
I =1VRMS at ƒ = 2400Hz,
60
dB
4
DC Drift Parameters
Delta calculations performed on JAN S devices at group B, Subgroup 5, only.
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
V
O
Output Voltage
V
I = 8V, IL = -5mA
-0.025 0.025
V
1
V
I = 8V, IL = -500mA
-0.025 0.025
V
1
V
I = 20V, IL = -5mA
-0.025 0.025
V
1
V
I = 20V, IL = -500mA
-0.025 0.025
V
1
V
I = 35V, IL = -5mA
-0.025 0.025
V
1
V
I = 35V, IL = -50mA
-0.025 0.025
V
1
I
SCD
Stand by Current Drain
V
I = 10V, IL = -5mA
-20
20
%
1
www.national.com
3


Similar Part No. - LM140JAN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM140JAN-SP TI-LM140JAN-SP Datasheet
104Kb / 12P
[Old version datasheet]   LM140JAN Three Terminal Positive Regulators
LM140JAN-SP TI-LM140JAN-SP_15 Datasheet
104Kb / 12P
[Old version datasheet]   LM140JAN Three Terminal Positive Regulators
More results

Similar Description - LM140JAN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78L005AP TOSHIBA-TA78L005AP_06 Datasheet
674Kb / 22P
   Three-Terminal Positive Regulators
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
First Silicon Co., Ltd
LM7805P FS-LM7805P Datasheet
306Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA78L05S TOSHIBA-TA78L05S_07 Datasheet
666Kb / 15P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com