Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEB2025 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # PEB2025
Description  ISDN Exchange Power Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEB2025 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  PEB2025 Datasheet HTML 1Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 2Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 3Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 4Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 5Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 6Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 7Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 8Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
05.92
The IEPC is an integrated power controller especially designed for feeding two- and four wire
transmission lines. The IEPC is fully compatible to the CCITT recommendations on power feed at
the “S”-interface. So the IEPC can be used in PABX/Central Office and in intelligent NT´s.
The IEPC supplies power up to four transmission lines. Each line is individually powered and
controlled via microprocessor interface. An interrupt output signals any malfunction to the
microprocessor.
The high voltage CMOS technology (60 V) ensures a wide field of applications:
– two- and four wire transmission lines
– point-to-point configurations
– point-to-multipoint configurations etc.
Type
Version
Ordering Code
Package
PEB 2025-N
V 1.5
Q67100-H6300
P-LCC-28-R (SMD)
PEB 2025-P
V 1.5
Q67100-H6241
P-DIP-22
ISDN Exchange Power Controller
(IEPC)
CMOS IC
PEB 2025
P-LCC-28-R
P-DIP-22
Features
q
Supplies power to up to four transmission lines
q
CCITT recommendations compatible for power feed at the
“S” interface
q
Each line is individually powered and controlled
q
Wide field of applications:
– two- and four wire transmission lines
– point-to-point configurations
– point-to-multipoint configurations
q
Maximum output current programmable up to 150 mA
q
Programmable switch-off characteristic by overcurrent
detection
q
Automatic restart after removing overload conditions
q
Status detectors for each line driver
q
Microprocessor compatible interface
q
Interrupt output for detection of any malfunction
q
High voltage CMOS technology (60 V)


Similar Part No. - PEB2025

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20256 INFINEON-PEB20256 Datasheet
2Mb / 216P
   Multichannel Network Interface Controller for HDLC/PPP
DS2, April 2001
PEB20256E INFINEON-PEB20256E Datasheet
2Mb / 216P
   Multichannel Network Interface Controller for HDLC/PPP
DS2, April 2001
More results

Similar Description - PEB2025

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB2120 SIEMENS-PSB2120 Datasheet
292Kb / 20P
   ISDN Remote Power Controller
PEB2085 SIEMENS-PEB2085 Datasheet
1Mb / 320P
   ISDN SubscribernAccess Controller
logo
Infineon Technologies A...
PEB2426 INFINEON-PEB2426 Datasheet
345Kb / 30P
   Quad ISDN High Voltage Power Controller
06.99 DS 1
logo
Macronix International
MX97102 MCNIX-MX97102 Datasheet
309Kb / 42P
   ISDN S/T CONTROLLER
logo
Infineon Technologies A...
PEB3086 INFINEON-PEB3086 Datasheet
3Mb / 262P
   ISDN SUBSCRIBER ACCESS CONTROLLER
Jan. 2003 V 1.4
logo
STMicroelectronics
ST5451 STMICROELECTRONICS-ST5451 Datasheet
269Kb / 34P
   ISDN HDLC AND GCI CONTROLLER
logo
Siemens Semiconductor G...
PSB7110 SIEMENS-PSB7110 Datasheet
1Mb / 164P
   Enhanced ISDN Data Access Controller ISAR
logo
FOTEK CONTROLS CO., LTD...
G4Q-K1 FOTEK-G4Q-K1 Datasheet
132Kb / 1P
   EXCHANGE RElAY
logo
Winbond
W6692 WINBOND-W6692 Datasheet
515Kb / 104P
   PCI Bus ISDN S/T-Controller
W6694 WINBOND-W6694 Datasheet
472Kb / 33P
   USB Bus ISDN S/T-Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com