Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEB2035 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # PEB2035
Description  ICs for Communications (Advanced CMOS Frame Aligner)
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEB2035 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  PEB2035 Datasheet HTML 1Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 2Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 3Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 4Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 5Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 6Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 7Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 8Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 134 page
background image
Semiconductor Group
4
Advanced CMOS Frame Aligner (ACFA)
CMOS IC
PEB 2035
1Features
Serial Interface to Line Interface Unit
q
Frame alignment/synthesis for 2048 kbit/s (CEPT,
PCM 30) and 1544 kbit/s (T1, PCM 24)
q
Meets newest CCITT Rec’s (Blue Book), FTZ Rec’s and
AT&T technical advisories (DMI, August 1986)
q
Programmable formats for
PCM 30: Doubleframe, CRC Multiframe
PCM 24: 4-Frame Multiframe (F4), 12-Frame Multiframe
(F12, D3/4), Extended Superframe (ESF), Remote Switch
Mode (F72)
q
Selectable conditions for loss of sync
q
Selectable line codes (HDB3, B8ZS, AMI with ZCS)
q
Unipolar NRZ for interfacing fibre optical transmission
routes
q
Error checking via CRC4 or CRC6 procedures
q
Insertion and extraction of alarms and facility signaling
q
IDLE code insertion for selectable channels
Serial Interface to System Internal Highway
q
System clock frequency of either 4096 kHz or 8192 kHz
q
Selectable 2048/4096 kbit/s system internal highway with programmable receive/transmit shifts
q
Two-frame deep elastic receive memory for receive route clock wander and jitter compensation
(can be reduced to one-frame length for PCM 30 master-slave applications)
q
One frame elastic transmit memory (PCM 24 mode only) for transmit route clock wander and
jitter compensation
q
Two different time-slot assignment procedures in PCM 24 mode
q
Support for different signaling schemes
q
Channel loop back capabilities
q
Channel parity error monitoring
q
Clear channel capabilities in PCM 24 mode
Type
Version
Ordering Code
Package
PEB 2035-N
V4.1
Q67100-H6289
P-LCC-44 (SMD)
PEB 2035-P
V4.1
Q67100-H6290
P-DIP-40
P-LCC-44
P-DIP-40
01.94


Similar Part No. - PEB2035

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
logo
Siemens Semiconductor G...
PEB20321 SIEMENS-PEB20321 Datasheet
1Mb / 326P
   Multichannel Network Interface Controller for HDLC MUNICH32X
logo
Infineon Technologies A...
PEB20321 INFINEON-PEB20321 Datasheet
4Mb / 366P
   Multichannel Network Interface Controller for HDLC
Version 2.2 Feb. 2001
PEB20324 INFINEON-PEB20324 Datasheet
705Kb / 63P
   ICs for Communications
Version 2.2 04.99
More results

Similar Description - PEB2035

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
   ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
   ICs for Communications
Version 1.1 04.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
   ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
   ICs for Communications
logo
Infineon Technologies A...
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
   ICs for Communications
Version 1.10 7.2000
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
   ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
   ICs for Communications
Version 1.1 12.97
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
   ICs for Communications
10.97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com