Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJD15N06L Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJD15N06L
Description  60V N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJD15N06L Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJD15N06L Datasheet HTML 1Page - Pan Jit International Inc. PJD15N06L Datasheet HTML 2Page - Pan Jit International Inc. PJD15N06L Datasheet HTML 3Page - Pan Jit International Inc. PJD15N06L Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
STAD-JUN.19.2006
PJD15N06L
FEATURES
• R
DS(ON), VGS@10V,IDS@10A=40mΩ
• R
DS(ON), VGS@4.5V,IDS@8.0A=50mΩ
• Advanced Trench Process Technology
• High Density Cell Design For Ultra Low On-Resistance
• Specially Designed for DC/DC Converters
• Fully Characterized Avalanche Voltage and Current
• Pb free product : 99% Sn above can meet RoHS environment
substance directive request
MECHANICALDATA
• Case: TO-252 Molded Plastic
• Terminals : Solderable per MIL-STD-750D,Method 1036.3
• Marking : 15N06L
60V N-Channel Enhancement Mode MOSFET
Maximum RATINGS and Thermal Characteristics (T
A=25
OC unless otherwise noted )
Note: 1. Maximum DC current limited by the package
2. Surface mounted on FR4 board, t < 10 sec
PAN JIT RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,FUNCTIONS AND RELIABILITY WITHOUT NOTICE
R
E
T
E
M
A
R
A
Pl
o
b
m
y
St
i
m
i
Ls
t
i
n
U
e
g
a
t
l
o
V
e
c
r
u
o
S
-
n
i
a
r
D
V
S
D
0
6V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
e
t
a
G
V
S
G
+ 0
2V
t
n
e
r
r
u
C
n
i
a
r
D
s
u
o
u
n
i
t
n
o
C
I
D
5
1A
t
n
e
r
r
u
C
n
i
a
r
D
d
e
s
l
u
P
)
1
I
M
D
0
6A
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
m
u
m
i
x
a
M
T
A
5
2
=
OC
T
A
5
7
=
OC
P
D
8
3
2
2
W
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
T
J T
,
G
T
S
0
5
1
+
o
t
5
5
-
OC
e
s
l
u
P
e
l
g
n
i
S
h
t
i
w
y
g
r
e
n
E
e
h
c
n
a
l
a
v
A
H
m
5
.
0
=
L
,
V
0
3
=
D
D
V
,
A
1
2
=
D
I
E
S
A
0
2
1J
m
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
e
s
a
C
-
o
t
-
n
o
it
c
n
u
J
Rθ
C
J
3
.
3
O
W
/
C
)
d
e
t
n
u
o
m
B
C
P
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
t
n
e
i
b
m
A
o
t
-
n
o
it
c
n
u
J
2
Rθ
A
J
0
5
O
W
/
C
TO-252
Gate
Drain
Source


Similar Part No. - PJD15N06L

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJD15P06A PANJIT-PJD15P06A Datasheet
388Kb / 8P
   60V P-Channel Enhancement Mode MOSFET
PJD15P06A-AU PANJIT-PJD15P06A-AU Datasheet
745Kb / 6P
   60VP-ChannelEnhancementModeMOSFET
December 28,2020 PJD15P06A-AU-REV.01
PJD15P06A-AU_L2_000A1 PANJIT-PJD15P06A-AU_L2_000A1 Datasheet
745Kb / 6P
   60VP-ChannelEnhancementModeMOSFET
December 28,2020 PJD15P06A-AU-REV.01
More results

Similar Description - PJD15N06L

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT69M8LSS DIODES-DMT69M8LSS_17 Datasheet
387Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com