Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX320C6454GTZ Datasheet(PDF) 6 Page - Texas Instruments

Part # TMX320C6454GTZ
Description  Fixed-Point Digital Signal Processor
Download  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C6454GTZ Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMX320C6454GTZ Datasheet HTML 2Page - Texas Instruments TMX320C6454GTZ Datasheet HTML 3Page - Texas Instruments TMX320C6454GTZ Datasheet HTML 4Page - Texas Instruments TMX320C6454GTZ Datasheet HTML 5Page - Texas Instruments TMX320C6454GTZ Datasheet HTML 6Page - Texas Instruments TMX320C6454GTZ Datasheet HTML 7Page - Texas Instruments TMX320C6454GTZ Datasheet HTML 8Page - Texas Instruments TMX320C6454GTZ Datasheet HTML 9Page - Texas Instruments TMX320C6454GTZ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 225 page
background image
www.ti.com
2
Device Overview
2.1 Device Characteristics
TMS320C6454
Fixed-Point Digital Signal Processor
SPRS311A – APRIL 2006 – REVISED DECEMBER 2006
Table 2-1, provides an overview of the C6454 DSP. The tables show significant features of the C6454
device, including the capacity of on-chip RAM, the peripherals, the CPU frequency, and the package type
with pin count.
Table 2-1. Characteristics of the C6454 Processor
HARDWARE FEATURES
C6454
EMIFA (64-bit bus width)
1
(clock source = AECLKIN or SYSCLK4)
DDR2 Memory Controller (32-bit bus width) [1.8 V I/O]
1
(clock source = CLKIN2)
EDMA3 (64 independent channels) [CPU/3 clock rate]
1
I2C
1
Peripherals
HPI (32- or 16-bit user selectable)
1 (HPI16 or HPI32)
Not all peripherals pins
are available at the same
PCI (32-bit), [66-MHz or 33-MHz]
1 (PCI66 or PCI33)
time (For more detail, see
McBSPs (internal CPU/6 or external clock source up
the Device Configuration
2
to 100 Mbps)
section).
10/100/1000 Ethernet MAC (EMAC)
1
Management Data Input/Output (MDIO)
1
64-Bit Timers (Configurable)
2 64-bit or 4 32-bit
(internal clock source = CPU/6 clock frequency)
General-Purpose Input/Output Port (GPIO)
16
Size (Bytes)
1144K
32K-Byte (32KB) L1 Program Memory Controller
[SRAM/Cache]
On-Chip Memory
Organization
32KB Data Memory Controller [SRAM/Cache]
1048KB L2 Unified Memory/Cache
32KB L2 ROM
C64x+ Megamodule
Megamodule Revision ID Register (address location:
See Section 5.6, Megamodule Revision
Revision ID
0181 2000h)
See Section 3.6, JTAG ID (JTAGID) Register
JTAG BSDL_ID
JTAGID register (address location: 0x02A80008)
Description
Frequency
MHz
720, 850, and 1000 (1 GHz)
1.39 ns (C6454-720), 1.17 ns (C6454-850),
Cycle Time
ns
1 ns (C6454-1000) [1 GHz CPU]
1.25 V (-1000)
Core (V)
1.2 V (-850/-720)
Voltage
1.5/1.8 [EMAC RGMII], and
I/O (V)
1.8 and 3.3 V [I/O Supply Voltage]
PLL1 and PLL1
CLKIN1 frequency multiplier
Bypass (x1), x15, x20, x25, x30, x32
Controller Options
CLKIN2 frequency multiplier
PLL2
x20
[DDR2 Memory Controller and EMAC support only]
697-Pin Flip-Chip Plastic BGA (ZTZ)
BGA Package
24 x 24 mm
697-Pin Plastic BGA (GTZ)
Process Technology
µm
0.09 µm
Product Preview (PP), Advance Information (AI),
Product Status(1)
PP
or Production Data (PD)
(1)
PRODUCT PREVIEW information concerns experimental products (designated as TMX) that are in the formative or design phase of
development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or
discontinue these products without notice.
Device Overview
6
Submit Documentation Feedback


Similar Part No. - TMX320C6454GTZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320C6454BZTZ TI1-TMX320C6454BZTZ Datasheet
1Mb / 232P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMX320C6454BZTZ TI-TMX320C6454BZTZ Datasheet
1Mb / 233P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMX320C6454BZTZ7 TI1-TMX320C6454BZTZ7 Datasheet
1Mb / 232P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMX320C6454BZTZ7 TI-TMX320C6454BZTZ7 Datasheet
1Mb / 233P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMX320C6454BZTZ8 TI-TMX320C6454BZTZ8 Datasheet
1Mb / 233P
[Old version datasheet]   Fixed-Point Digital Signal Processor
More results

Similar Description - TMX320C6454GTZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com