Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTBV152BCBADD6K9025S Datasheet(PDF) 1 Page - ITT Industries

Part # RTBV152BCBADD6K9025S
Description  1-2 Pole Coded Rotary Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RTBV152BCBADD6K9025S Datasheet(HTML) 1 Page - ITT Industries

  RTBV152BCBADD6K9025S Datasheet HTML 1Page - ITT Industries RTBV152BCBADD6K9025S Datasheet HTML 2Page - ITT Industries RTBV152BCBADD6K9025S Datasheet HTML 3Page - ITT Industries RTBV152BCBADD6K9025S Datasheet HTML 4Page - ITT Industries RTBV152BCBADD6K9025S Datasheet HTML 5Page - ITT Industries RTBV152BCBADD6K9025S Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
L–32
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
L
C&K RTBV Series
1-2 Pole Coded Rotary Switches
L
Features/Benefits
Totally sealed
Detent angles, 15 , 22.5 , 30 and 36
Multi pole
Coding functions
Robust construction
Typical Applications
Telecommunications
Military
Instrumentation
Heavy-duty industrial equipment
Specifications
CONTACT RATING: S Contact material: Switch: 250mA, 5VA
resistive load, Carry: 5 AMPS
ELECTRICAL LIFE: Up to 25,000 operations.
OPERATING TORQUE: 5Ncm±30% (with 1 module).
MECHANICAL STOP RESISTANCE: > 70 Ncm.
BUSHING MOUNTING TORQUE: 100 Ncm.
CONTACT RESISTANCE: < 100 m
Ω.
INSULATION RESISTANCE: > 109
DIELECTRIC STRENGTH: 500 V rms.
NOTE: For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
HOUSING: PBT thermoplastic and PC thermoplastic
STATIONARY CONTACTS & TERMINALS: Nickel alloy, gold or
silver plated, insert molded in PBT thermoplastic.
ROTOR: Printed circuit, gold or silver plated.
ACTUATOR: Steel
BUSHING: Brass
HARDWARE: Stop pin and spring: Stainless steel
All models are RoHS compliant and compatible.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages L-33 thru L-37. For additional options not shown in catalog, consult Customer Service Center.
Designation
RTBV
Indexing
15
15°
22.5 22.5°
30
30°
36
36°
Number of Switch
Functions**
1
1 Function
2
2 Functions
Switch Function
Number of Poles (first digit)
Number of Positions (second & third digit)
or code
116 SP, 16 positions
112 SP, 12 positions
206 DP, 6 positions
B
Binary code
C
Complement
BC
Direct + complement
Shaft Diameter
D6
6 mm (.236)
D63 6.35 mm (.250)
Option of Shaft
(NONE)
M10X5 Shaft with flat
Actuator Length
25 25 mm (.984)
Contact Material
S Silver plated
G Gold plated
Stops
B Stop with number of positions
S Without
Mounting Style
AD Standard bushing for panel mount
DE Sealed bushing for panel mount
* Other angles available by request
** Several functions can be combined. For more information consult us.
Actuator Option Angle*
(NONE)
K0
0° angle
K60
60° angle
K90
90° angle
K120 120° angle
K180 180° angle
K270 270° angle


Similar Part No. - RTBV152BCBADD6K9025S

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTBV1111S02ANNZS CK-COMPONENTS-RTBV1111S02ANNZS Datasheet
395Kb / 6P
   1-2 Pole Coded Rotary Switches
RTBV1111S02NNZS CK-COMPONENTS-RTBV1111S02NNZS Datasheet
395Kb / 6P
   1-2 Pole Coded Rotary Switches
RTBV111S02ANNZS CK-COMPONENTS-RTBV111S02ANNZS Datasheet
395Kb / 6P
   1-2 Pole Coded Rotary Switches
RTBV1211S02ANNZS CK-COMPONENTS-RTBV1211S02ANNZS Datasheet
395Kb / 6P
   1-2 Pole Coded Rotary Switches
RTBV121S02ANNZS CK-COMPONENTS-RTBV121S02ANNZS Datasheet
395Kb / 6P
   1-2 Pole Coded Rotary Switches
More results

Similar Description - RTBV152BCBADD6K9025S

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTBV CK-COMPONENTS-RTBV Datasheet
395Kb / 6P
   1-2 Pole Coded Rotary Switches
RTBH CK-COMPONENTS-RTBH Datasheet
320Kb / 6P
   1-2 Pole Coded Rotary Switches
logo
ITT Industries
RTBH ITT-RTBH Datasheet
361Kb / 6P
   1-2 Pole Coded Rotary Switches
logo
C&K Components
RTA CK-COMPONENTS-RTA Datasheet
457Kb / 5P
   1?? Poles Coded Rotary Switches
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com