Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX320C6454ZTZ7 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMX320C6454ZTZ7
Description  Fixed-Point Digital Signal Processor
Download  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C6454ZTZ7 Datasheet(HTML) 4 Page - Texas Instruments

  TMX320C6454ZTZ7 Datasheet HTML 1Page - Texas Instruments TMX320C6454ZTZ7 Datasheet HTML 2Page - Texas Instruments TMX320C6454ZTZ7 Datasheet HTML 3Page - Texas Instruments TMX320C6454ZTZ7 Datasheet HTML 4Page - Texas Instruments TMX320C6454ZTZ7 Datasheet HTML 5Page - Texas Instruments TMX320C6454ZTZ7 Datasheet HTML 6Page - Texas Instruments TMX320C6454ZTZ7 Datasheet HTML 7Page - Texas Instruments TMX320C6454ZTZ7 Datasheet HTML 8Page - Texas Instruments TMX320C6454ZTZ7 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 225 page
background image
www.ti.com
1.3
Functional Block Diagram
DDR2
Mem Ctlr
C64x+ DSP Core
Data Path B
B Register File
B31−B16
B15−B0
Instruction Fetch
Data Path A
A Register File
A31−A16
A15−A0
Device
Configuration
Logic
.L1
.S1
.M1
xx
xx
.D1
.D2
.M2
xx
xx
.S2
.L2
64
SBSRAM
SRAM
L1P Cache Direct-Mapped
32K Bytes
L1D Cache
2-Way
Set-Associative
32K Bytes Total
C6454
PLL1 and
PLL1
Controller
EMIFA
ZBT SRAM
HI
Boot Configuration
ROM/FLASH
I/O Devices
I2C
GPIO16(B)
16
McBSP0(A)
M
e
g
a
m
o
d
u
l
e
L2
Cache
Memory
1048K
Bytes
L1P Memory Controller (Memory Protect/Bandwidth Mgmt)
McBSP1(A)
HPI (32/16)(B)
Instruction
Decode
16-/32-bit
Instruction Dispatch
Control Registers
In-Circuit Emulation
DDR2 SDRAM
32
LO
Timer1(C)
HI
LO
Timer0(C)
PLL2 and
PLL2
Controller(D)
EMAC
10/100/1000
SPLOOP Buffer
L1D Memory Controller (Memory Protect/Bandwidth Mgmt)
EDMA 3.0
L2 ROM
32K
Bytes(E)
Secondary
Switched Central
Resource
A.
McBSPs: Framing Chips − H.100, MVIP, SCSA, T1, E1; AC97 Devices; SPI Devices; Codecs
B.
The PCI peripheral pins are muxed with some of the HPI peripheral pins. For more detailed information, see the Device Configuration section
of this document.
C.
Each of the TIMER peripherals (TIMER1 and TIMER0) is configurable as either two 64-bit general-purpose timers or two 32-bit general-purpose
timers or a watchdog timer.
D.
The PLL2 controller also generates clocks for the EMAC.
E.
When accessing the internal ROM of the DSP, the CPU frequency must always be less than 750 MHz.
MDIO
RMGII(D)
GMII
RMII
MII
PCI66(B)
TMS320C6454
Fixed-Point Digital Signal Processor
SPRS311A – APRIL 2006 – REVISED DECEMBER 2006
Figure 1-2 shows the functional block diagram of the C6454 device.
Figure 1-2. Functional Block Diagram
TMS320C6454 Fixed-Point Digital Signal Processor
4
Submit Documentation Feedback


Similar Part No. - TMX320C6454ZTZ7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320C6454BZTZ TI1-TMX320C6454BZTZ Datasheet
1Mb / 232P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMX320C6454BZTZ TI-TMX320C6454BZTZ Datasheet
1Mb / 233P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMX320C6454BZTZ7 TI1-TMX320C6454BZTZ7 Datasheet
1Mb / 232P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMX320C6454BZTZ7 TI-TMX320C6454BZTZ7 Datasheet
1Mb / 233P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMX320C6454BZTZ8 TI-TMX320C6454BZTZ8 Datasheet
1Mb / 233P
[Old version datasheet]   Fixed-Point Digital Signal Processor
More results

Similar Description - TMX320C6454ZTZ7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com