Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM79LXX Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LM79LXX
Description  100mA Negative Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LM79LXX Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LM79LXX Datasheet HTML 1Page - List of Unclassifed Manufacturers LM79LXX Datasheet HTML 2Page - List of Unclassifed Manufacturers LM79LXX Datasheet HTML 3Page - List of Unclassifed Manufacturers LM79LXX Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Bay Linear, Inc
2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 989-7144, Fax: (925) 940-9556
www.baylinear.com
LM79LXX
Electrical Characteristics (LM79L15)
(VI=10V, IO=40mA, 0°C ≤TJ≤125 °C, CI = 0.33µF, CO = 0.1µF, unless otherwise specified. (Note 1)
Parameter
Symbol
Conditions
MIN
TYP
MAX
UNIT
Output Voltage
VO
TJ = 25
°C
-14.40
-15
-15.60
V
VI = -17.5V to -30V TJ = 25
°C
65
250
Line Regulation
∆V
O
VI = -17.5V to -30V TJ = 25
°C
50
300
mV
IO = 1mA to 100mA, 25
°C
25
150
Load Regulation
∆V
O
IO = 1mA to 40mA, 25
°C
15
75
mV
Ripple Rejection
RR
VI = -18.5V to -28.5V, f=120Hz
34
39
dB
Output Noise Voltage
VN
F= 10Hz to 100Hz TJ = 25
°C
90
µV
Dropout Voltage
VD
TJ = 25
°C
1.7
V
Quiescent Current
TJ = 25
°C
6.5
mA
VI = -20V to -30V, TJ = 25
°C
1.5
Quiescent Current
Change
∆I
Q
IO = 1mA to 40mA, TJ = 25
°C
0.1
mA
Electrical Characteristics (LM79L18)
(VI=10V, IO=40mA, 0°C ≤TJ≤125 °C, CI = 0.33µF, CO = 0.1µF, unless otherwise specified. (Note 1)
Parameter
Symbol
Conditions
MIN
TYP
MAX
UNIT
Output Voltage
VO
TJ = 25
°C
-17.30
-18
-18.7
V
VI = -20.5V to -33V TJ = 25
°C
70
325
Line Regulation
∆V
O
VI = -20.5V to -33V TJ = 25
°C
60
375
mV
IO = 1mA to 100mA, 25
°C
27
170
Load Regulation
∆V
O
IO = 1mA to 40mA, 25
°C
19
85
mV
Ripple Rejection
RR
VI = -23V to -33V, f=120Hz
33
48
dB
Output Noise Voltage
VN
F= 10Hz to 100Hz TJ = 25
°C
150
µV
Dropout Voltage
VD
TJ = 25
°C
1.7
V
Quiescent Current
TJ = 25
°C
4.7
6.5mA
mA
VI = -21V to -33V, TJ = 25
°C
1.5
Quiescent Current
Change
∆I
Q
IO = 1mA to 40mA, TJ = 25
°C
0.1
mA


Similar Part No. - LM79LXX

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM79LXX HTC-LM79LXX Datasheet
235Kb / 10P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Boca Semiconductor Corp...
LM79LXXA BOCA-LM79LXXA Datasheet
246Kb / 6P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
logo
National Semiconductor ...
LM79LXXAC NSC-LM79LXXAC Datasheet
209Kb / 8P
   3-Terminal Negative Regulators
logo
Cystech Electonics Corp...
LM79LXXM3 CYSTEKEC-LM79LXXM3 Datasheet
490Kb / 8P
   Low Current Negative Voltage Regulator
More results

Similar Description - LM79LXX

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM79L00 GAMMA-GM79L00 Datasheet
159Kb / 9P
   100mA NEGATIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS79L00 TSC-TS79L00_14 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
TS79L00 TSC-TS79L00_08 Datasheet
133Kb / 9P
   3-Terminal 100mA Negative Voltage Regulator
logo
ADDtek Corp
AMC79L05 ADDTEK-AMC79L05 Datasheet
90Kb / 6P
   100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
AMC79L05 ETC1-AMC79L05 Datasheet
387Kb / 6P
   100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
SN79L05 KODENSHI-SN79L05 Datasheet
511Kb / 16P
   3 Terminal Negative Voltage Regulator [100mA]
logo
Panasonic Semiconductor
AN79L00 PANASONIC-AN79L00 Datasheet
66Kb / 9P
   3-pin Negative Output Voltage Regulator 100mA Type
logo
NTE Electronics
NTE1903 NTE-NTE1903 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA
NTE1979 NTE-NTE1979 Datasheet
28Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator,-8V, 100mA
NTE1909 NTE-NTE1909 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -24V, 100mA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com