Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX320C6454ZTZ8 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMX320C6454ZTZ8
Description  Fixed-Point Digital Signal Processor
Download  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C6454ZTZ8 Datasheet(HTML) 2 Page - Texas Instruments

  TMX320C6454ZTZ8 Datasheet HTML 1Page - Texas Instruments TMX320C6454ZTZ8 Datasheet HTML 2Page - Texas Instruments TMX320C6454ZTZ8 Datasheet HTML 3Page - Texas Instruments TMX320C6454ZTZ8 Datasheet HTML 4Page - Texas Instruments TMX320C6454ZTZ8 Datasheet HTML 5Page - Texas Instruments TMX320C6454ZTZ8 Datasheet HTML 6Page - Texas Instruments TMX320C6454ZTZ8 Datasheet HTML 7Page - Texas Instruments TMX320C6454ZTZ8 Datasheet HTML 8Page - Texas Instruments TMX320C6454ZTZ8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 225 page
background image
www.ti.com
1.1.1 ZTZ/GTZ BGA Package (Bottom View)
ZTZ/GTZ 697-PIN BALL GRID ARRAY (BGA) PACKAGE
( BOTTOM VIEW )
A
2
B
1
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
27
28
29
AG
AH
AJ
NOTE: The ZTZ mechanical package designator represents the version of the GTZ package with lead-free balls. For more detailed information,
see the Mechanical Data section of this document.
1.2 Description
TMS320C6454
Fixed-Point Digital Signal Processor
SPRS311A – APRIL 2006 – REVISED DECEMBER 2006
The TMS320C6454 devices are designed for a package temperature range of 0°C to +90°C (commercial
temperature range).
Figure 1-1. ZTZ/GTZ BGA Package (Bottom View)
The TMS320C64x+™ DSPs (including the TMS320C6454 device) are the highest-performance fixed-point
DSP generation in the TMS320C6000™ DSP platform. The C6454 device is based on the third-generation
high-performance, advanced VelociTI™ very-long-instruction-word (VLIW) architecture developed by
Texas Instruments (TI), making these DSPs an excellent choice for applications including video and
telecom infrastructure, imaging/medical, and wireless infrastructure (WI). The C64x+™ devices are
upward code-compatible from previous devices that are part of the C6000™ DSP platform.
The C6454 offers a lower cost pin-compatible migration path for C6455 customers who don't need the
2MB of the C6455 or the high-speed interconnect provided by Serial RapidIO. The C6454 also provides
an excellent migration path for existing C6414/6415/6416 customers who require C6454 advanced
peripherals; DDR2 at 533 MHz provides 2x performance boost over older SDRAM interface, gigabit
Ethernet provides low-cost high-performance ubiquitous packet interface, and 66-MHz PCI (revision 2.3
complaint) provides legacy high-bandwidth interconnect.
Based on 90-nm process technology and with performance of up to 8000 million instructions per second
(MIPS) [or 8000 16-bit MMACs per cycle] at a clock rate of 1 GHz, the C6454 device offers cost-effective
solutions to high-performance DSP programming challenges. The C6454 DSP possesses the operational
flexibility of high-speed controllers and the numerical capability of array processors.
TMS320C6454 Fixed-Point Digital Signal Processor
2
Submit Documentation Feedback


Similar Part No. - TMX320C6454ZTZ8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320C6454BZTZ TI1-TMX320C6454BZTZ Datasheet
1Mb / 232P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMX320C6454BZTZ TI-TMX320C6454BZTZ Datasheet
1Mb / 233P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMX320C6454BZTZ7 TI1-TMX320C6454BZTZ7 Datasheet
1Mb / 232P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMX320C6454BZTZ7 TI-TMX320C6454BZTZ7 Datasheet
1Mb / 233P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMX320C6454BZTZ8 TI-TMX320C6454BZTZ8 Datasheet
1Mb / 233P
[Old version datasheet]   Fixed-Point Digital Signal Processor
More results

Similar Description - TMX320C6454ZTZ8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com