Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLEC28P3PG Datasheet(PDF) 5 Page - ITT Industries

Part # SLEC28P3PG
Description  Snap-Lock Environmentally Sealed - Rectangular
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SLEC28P3PG Datasheet(HTML) 5 Page - ITT Industries

  SLEC28P3PG Datasheet HTML 1Page - ITT Industries SLEC28P3PG Datasheet HTML 2Page - ITT Industries SLEC28P3PG Datasheet HTML 3Page - ITT Industries SLEC28P3PG Datasheet HTML 4Page - ITT Industries SLEC28P3PG Datasheet HTML 5Page - ITT Industries SLEC28P3PG Datasheet HTML 6Page - ITT Industries SLEC28P3PG Datasheet HTML 7Page - ITT Industries SLEC28P3PG Datasheet HTML 8Page - ITT Industries SLEC28P3PG Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
24
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Connectors are supplied with endbell assemblies.
Part number by Shell Size
B Max.
F Max.
Cable Entry I.D.
SLEB
26,16 (1.030)
50,80 (2.000)
14,73 (.580)
SLEC
26,16 (1.030)
66,04 (2.600)
19,81 (.780)
Snap-Lock Environmentally Sealed - Rectangular
Endbells
Cannon SLE
With Flange Endbell
(Plug Only)
Note: Plugs are supplied with endbell assemblies.
SLEB
SLEB
SLEB
SLEB
SLEB
SLEB
SLEC
SLEC
SLEC
SLEC
SLEC
SLEC
19
19
19
19
19
19
28
28
28
28
28
28
130409-0000*
130409-0001*
130409-0002*
130409-0003*
130409-0004*
130409-0005*
130413-0000
130413-0001
130413-0002
130413-0003
130413-0004
130413-0005
SLEB19S2SF
SLEB19S2S
SLEB19S2L
SLEB19S2R
SLEB19S2U
SLEB19S2D
SLEC28S2SF
SLEC28S2S
SLEC28S2L
SLEC28S2R
SLEC28S2U
SLEC28S2D
71,88 (2.830)
71,88 (2.830)
71,88 (2.830)
71,88 (2.830)
71,88 (2.830)
71,88 (2.830)
87,11 (3.430)
87,11 (3.430)
87,11 (3.430)
87,11 (3.430)
87,11 (3.430)
87,11 (3.430)
47,50 (1.870)
47,50 (1.870)
47,50 (1.870)
47,50 (1.870)
47,50 (1.870)
47,50 (1.870)
62,74 (2.470)
62,74 (2.470)
62,74 (2.470)
62,74 (2.470)
62,74 (2.470)
62,74 (2.470)
59,05 (2.325)
59,05 (2.325)
59,05 (2.325)
59,05 (2.325)
59,05 (2.325)
59,05 (2.325)
74,29 (2.925)
74,29 (2.925)
74,29 (2.925)
74,29 (2.925)
74,29 (2.925)
74,29 (2.925)
Shell
Number of
D
Size
Contacts
Part Number*
Nomenclature
A Max.
C Max.
±0,38 (.015)
*Select polarization, see page 25.
Plug, In-line (Cable-to-Cable)


Similar Part No. - SLEC28P3PG

ManufacturerPart #DatasheetDescription
logo
Sanyou Corporation Limi...
SLE SANYOU-SLE Datasheet
157Kb / 3P
   Photovoltaic Relay
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
logo
Sanyou Corporation Limi...
SLE-DM SANYOU-SLE-DM Datasheet
157Kb / 3P
   Photovoltaic Relay
SLE-S-112DM1-B SANYOU-SLE-S-112DM1-B Datasheet
157Kb / 3P
   Photovoltaic Relay
SLE-S-112DM1-F SANYOU-SLE-S-112DM1-F Datasheet
157Kb / 3P
   Photovoltaic Relay
More results

Similar Description - SLEC28P3PG

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SLC ITT-SLC Datasheet
452Kb / 16P
   Snap/Clip-Lock Environmentally Sealed - Circular
logo
List of Unclassifed Man...
WB15L ETC2-WB15L Datasheet
353Kb / 5P
   Environmentally Sealed Pushbuttons
logo
Nihon Kaiheiki Industry...
WR11AS NKK-WR11AS Datasheet
214Kb / 5P
   Environmentally Sealed Rockers
WT11S NKK-WT11S Datasheet
432Kb / 6P
   Environmentally Sealed Toggles
WB12S-DA NKK-WB12S-DA Datasheet
179Kb / 4P
   Environmentally Sealed Pushbuttons
logo
Texas Instruments
7BT2 TI-7BT2 Datasheet
567Kb / 2P
[Old version datasheet]   HIGH CAPACITY ENVIRONMENTALLY SEALED
logo
Astrodyne Corporation
T100100070-LF ASTRODYNE-T100100070-LF Datasheet
54Kb / 2P
   500W 27 Volt Environmentally Sealed Power Module
logo
Laird Tech Smart Techno...
MS3 LSTD-MS3 Datasheet
541Kb / 2P
   Environmentally friendly
ML-1KA LSTD-ML-1KA Datasheet
586Kb / 2P
   Environmentally green
logo
International Rectifier
IRL6283MPBF IRF-IRL6283MPBF_15 Datasheet
508Kb / 9P
   Environmentally Friendly Product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com