Electronic Components Datasheet Search |
|
VBNG6APG16S15PNT100 Datasheet(PDF) 11 Page - ITT Industries |
|
VBNG6APG16S15PNT100 Datasheet(HTML) 11 Page - ITT Industries |
11 / 45 page VEAM VBN 11 www.ittcannon.com Dimensions shown in mm Specifications and dimensions subject to change Electrical Contact Current Ratings Electrical performance per NFF-61030 Electrical performance per MIL-DTL-5015 Contact arrangement service rating Dielectric strength (standard sea level conditions) Recommended current according to the temperature 16 22A 15A 11,5A 12 41A 23A 20A 8 73A 46A 42A Contact Size AWG * MAXIMUM rated current 20º C Rated current 85º C * De-rated current ** Contact size Contact resistance Rated voltage Withstand voltage Service rating Operating Voltage DC (at sea level) Operating voltage AC (at sea level) Service rating Minimum flashover ac rms * Test voltage ac rms 16 2.5 m Ω max. 12 1.3 m Ω max. 8 0.9 m Ω max. A 700 V 500 V D 1,250 V 900 V A 2,800 V 2,000 V D 3,600 V 2,800V 500 V.d.c. max 3250 V.a.c. (rms) 380 V.a.c. max. 3250 V.a.c. (rms) 250 200 100 20 40 60 80 100 120 50 22 (ºC) (A) 500 0 135 150 74 160 25 8 245 41 0 TEMPERATURE 10 4 60 100 12 15 16 15S 16S 8 • Insulation resistance = ≥ 5000 mΩ • In mated conditions • Interfacial seal is in compression • Minimum creepage distance = Minimum insulation distance in air: 12mm. * according to MIL-DTL-5015 * single contact isolation ** grouped contacts |
Similar Part No. - VBNG6APG16S15PNT100 |
|
Similar Description - VBNG6APG16S15PNT100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |