Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC22 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RC22
Description  Precision chip resistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RC22 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RC22 Datasheet HTML 1Page - List of Unclassifed Manufacturers RC22 Datasheet HTML 2Page - List of Unclassifed Manufacturers RC22 Datasheet HTML 3Page - List of Unclassifed Manufacturers RC22 Datasheet HTML 4Page - List of Unclassifed Manufacturers RC22 Datasheet HTML 5Page - List of Unclassifed Manufacturers RC22 Datasheet HTML 6Page - List of Unclassifed Manufacturers RC22 Datasheet HTML 7Page - List of Unclassifed Manufacturers RC22 Datasheet HTML 8Page - List of Unclassifed Manufacturers RC22 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2002 Apr 09 Rev.9
3
Phycomp
Product specification
Precision chip resistors
sizes 1206, 0805, 0603 and 0402
RC02/12/22/32
1%
ORDERING INFORMATION
Table 1
Ordering code indicating type and packing
Notes
1.
The jumper has a maximum resistance Rmax =50m
W and a rated current IR =2A.
2.
The jumper has a maximum resistance Rmax =50m
W and a rated current IR =1A.
TYPE
ORDERING CODE 2322 ... .....
PAPER TAPE ON REEL
5 000 units
10 000 units
20 000 units
50 000 units
RC02H
724 6....
724 7....
724 8....
-
RC02G
722 2....
722 3....
--
RC12H
734 6....
734 7....
734 8....
-
RC12G
732 6....
732 7....
--
RC22H
704 6....
704 7....
704 8....
-
RC32
-
706 7....
-
706 8....
Jumper 0
W
RC02H; note 1
724 92006
724 92007
--
RC12H; note 1
734 92006
734 92007
--
RC22H; note 2
704 92006
704 92007
--
Ordering code (12NC)
œ The resistors have a 12-digit
ordering code starting with 2322.
œ The subsequent 4 digits indicate
the resistor type and packing;
seeTable1.
œ The remaining 4 digits indicate the
resistance value:
– The first 3 digits indicate the
resistance value.
– The last digit indicates the
resistance decade in
accordance with Table 2.
Table 2
Last digit of 12NC
RESISTANCE
DECADE
LAST DIGIT
1to 9.1
W
8
10 to 91.0
W
9
100 to 910
W
1
1to 9.1 k
W
2
10 to 91.0 k
W
3
100 to 910 k
W
4
1to 9.1 M
W
5
10 M
W
6
ORDERING EXAMPLE
The ordering code of a RC02H
resistor, value 4 750
W, supplied on
paper tape of 5 000 units per reel is:
2322 724 64752.


Similar Part No. - RC22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC2200 ETC-RC2200 Datasheet
372Kb / 17P
   ZigBee Ready RF Transceiver Modules
RC2200AT ETC-RC2200AT Datasheet
372Kb / 17P
   ZigBee Ready RF Transceiver Modules
RC2200MM ETC-RC2200MM Datasheet
372Kb / 17P
   ZigBee Ready RF Transceiver Modules
RC2202 ETC-RC2202 Datasheet
372Kb / 17P
   ZigBee Ready RF Transceiver Modules
RC2202AT ETC-RC2202AT Datasheet
372Kb / 17P
   ZigBee Ready RF Transceiver Modules
More results

Similar Description - RC22

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CMF0603 WILLOW-CMF0603 Datasheet
333Kb / 2P
   Precision Chip Resistors
logo
Bourns Electronic Solut...
CRP0603-BZ-7871ELF BOURNS-CRP0603-BZ-7871ELF Datasheet
217Kb / 3P
   Precision Chip Resistors
logo
Riedon Powertron
CMF0603 RIEDON-CMF0603 Datasheet
264Kb / 2P
   Precision Chip Resistors
CMF0603 RIEDON-CMF0603_13 Datasheet
168Kb / 2P
   Precision Chip Resistors
logo
List of Unclassifed Man...
SMV ETC-SMV Datasheet
640Kb / 1P
   PRECISION SHUNT CHIP RESISTORS
logo
UNIOHM CORPORATION
RP25 UNIOHM-RP25 Datasheet
2Mb / 7P
   High Precision Chip Resistors
logo
Bourns Electronic Solut...
CRP1206-LF BOURNS-CRP1206-LF Datasheet
286Kb / 2P
   High precision chip resistors
logo
RCD COMPONENTS INC.
BLU1206P-10R0-FB RCD-BLU1206P-10R0-FB Datasheet
358Kb / 1P
   ULTRA PRECISION CHIP RESISTORS
logo
List of Unclassifed Man...
AR01 ETC-AR01 Datasheet
1Mb / 2P
   HIGH PRECISION CHIP RESISTORS
MCT0603 ETC1-MCT0603 Datasheet
763Kb / 13P
   Precision flat chip resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com