Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRD64L15AIQ Datasheet(PDF) 10 Page - Exar Corporation

Part # XRD64L15AIQ
Description  3.3V CMOS 10-Bit, 20MSPS, High Speed Analog-to-Digital Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD64L15AIQ Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRD64L15AIQ Datasheet HTML 6Page - Exar Corporation XRD64L15AIQ Datasheet HTML 7Page - Exar Corporation XRD64L15AIQ Datasheet HTML 8Page - Exar Corporation XRD64L15AIQ Datasheet HTML 9Page - Exar Corporation XRD64L15AIQ Datasheet HTML 10Page - Exar Corporation XRD64L15AIQ Datasheet HTML 11Page - Exar Corporation XRD64L15AIQ Datasheet HTML 12Page - Exar Corporation XRD64L15AIQ Datasheet HTML 13Page - Exar Corporation XRD64L15AIQ Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
;5'/

#0; 
7+(25< 2) 23(5$7,21
9,1 $QDORJ ,QSXW
7KLV SDUW KDV D VZLWFKHG FDSDFLWRU VDPSOLQJ LQSXW FLUFXLW
7KH LQSXW LPSHGDQFH FKDQJHV ZLWK WKH SKDVH RI WKH LQSXW
FORFN 9,1 LV VDPSOHG RQ WKH ORZ WR KLJK FORFN WUDQVLWLRQ
DQG WKH GLJLWDO GDWD XSGDWHV RQ WKH ORZ WR KLJK FORFN
WUDQVLWLRQ 7KH GLDJUDP )LJXUH  VKRZV DQ HTXLYDOHQW
LQSXW FLUFXLW
)LJXUH  (TXLYDOHQW ,QSXW &LUFXLW
:


957 95%
9,1
*1'
:
S)
S)
9''
&/.
&/
&/.
S)

2): 2YHUIORZ 2XWSXW
7KLV VLJQDO LQGLFDWHV ZKHQ WKH $QDORJ ,QSXW 9,1 JRHV
DERYH 957 7KH SLQ LV QRUPDOO\ DW D ORZ ORJLF OHYHO :KHQ
9,1 !957 2): ZLOO JR KLJK DQG WKH GDWD ELWV '%  '%
ZLOO VKRZ IXOO VFDOH LH DOO V 
2( 2XWSXW (QDEOH ,QSXW
7KLV VLJQDO FRQWUROV WKH VWDWH GULYHUV RQ WKH GLJLWDO
RXWSXWV '%  '% DQG 2): 'XULQJ QRUPDO RSHUDWLRQ
2( VKRXOG EH KHOG ORZ VR WKDW DOO RXWSXWV DUH HQDEOHG
:KHQ 2( LV GULYHQ KLJK '%  '% DQG 2): JR LQWR KLJK
LPSHGDQFH PRGH 7KLV FRQWURO RSHUDWHV DV\QFKURQRXV WR
WKH FORFN DQG ZLOO RQO\ FRQWURO WKH RXWSXW GULYHUV 7KH
LQWHUQDO RXWSXW UHJLVWHU ZLOO JHW XSGDWHG LI WKH FORFN LV
UXQQLQJ ZKLOH WKH RXWSXWV DUH LQ WKUHHVWDWH PRGH
2(
'%2'%
2):

(QDEOHG
(QDEOHG

+LJK=
+LJK=
7DEOH  2XWSXW (QDEOH
/RJLF 2XWSXW ,QWHUIDFH
7KH GLJLWDO RXWSXW GULYH FLUFXLWU\ RI WKH ;5'/ ZDV
GHVLJQHG WR RSHUDWH VHSDUDWHO\ IURP WKH DQDORJ VXSSOLHV
7KH '9'' SLQ RI WKH ;5'/ LV D VHSDUDWH SRZHU
VXSSO\ GHGLFDWHG WR WKH ORJLF RXWSXW GULYHUV '9'' LV QRW
FRQQHFWHG LQWHUQDOO\ ZLWK DQ\ RI WKH RWKHU SRZHU VXSSOLHV
)LJXUH  LOOXVWUDWHV WKH SRZHU VXSSO\ FLUFXLWU\ RI WKH
;5'/
'9'' DQG '*1' FRQQHFW GLUHFWO\ WR WKH GLJLWDO ORJLF
SRZHU RI WKH XVHU·V V\VWHP LVRODWLQJ WKH DQDORJ DQG GLJLWDO
SRZHU VXSSOLHV DQG JURXQGV '*1' LV QRW FRPPRQ WR WKH
;5'/ VXEVWUDWH 7KH ;5'/ VXEVWUDWH LV
FRPPRQ RQO\ WR WKH SDFNDJHV· *1' SLQV
$' &LUFXLW
9
'9
'*1'
*1'
'% 
2):
6RXUFHERG\ MXQFWLRQ GLRGH
EHWZHHQ '9
9
6RXUFHERG\ MXQFWLRQ
GLRGH EHWZHHQ '*1'
*1'
)LJXUH  ;5'/ $'& 3RZHU 6XSSO\
&LUFXLW $OORZV 6HSDUDWH 9 '9 DQG
6HSDUDWH *1''*1'


Similar Part No. - XRD64L15AIQ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD64L42 EXAR-XRD64L42 Datasheet
204Kb / 16P
   Dual 10-Bit 40MSPS CMOS ADC
XRD64L42AIV EXAR-XRD64L42AIV Datasheet
204Kb / 16P
   Dual 10-Bit 40MSPS CMOS ADC
XRD64L43 EXAR-XRD64L43 Datasheet
5Mb / 20P
   Dual 10-Bit 40MSPS CMOS ADC
XRD64L43AIV EXAR-XRD64L43AIV Datasheet
5Mb / 20P
   Dual 10-Bit 40MSPS CMOS ADC
XRD64L44 EXAR-XRD64L44 Datasheet
162Kb / 15P
   Dual 10-Bit 50MSPS CMOS ADC
More results

Similar Description - XRD64L15AIQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8760 PHILIPS-TDA8760 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
logo
Exar Corporation
XRD6406 EXAR-XRD6406 Datasheet
363Kb / 12P
   CMOS 6 MSPS, 10-Bit, High Speed Analog-to-Digital Converter
MP7682 EXAR-MP7682 Datasheet
478Kb / 7P
   CMOS, 6-Bit High-Speed Analog-to-digital Converter
MP7683 EXAR-MP7683 Datasheet
645Kb / 10P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
MP7684A EXAR-MP7684A Datasheet
1Mb / 14P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
XRD8785 EXAR-XRD8785 Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
MP7686 EXAR-MP7686 Datasheet
752Kb / 9P
   CMOS 6 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
XRD8775 EXAR-XRD8775 Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
logo
NXP Semiconductors
TDA8765 PHILIPS-TDA8765 Datasheet
138Kb / 20P
   10-bit high-speed Analog-to-Digital Converter ADC
1999 Jan 06
logo
List of Unclassifed Man...
MP7633 ETC-MP7633 Datasheet
1Mb / 5P
   CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com