Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND8002D Datasheet(PDF) 8 Page - ON Semiconductor

Part # AND8002D
Description  ECLinPS, ECLinPS Lite, ECLinPS Plus ECLinPS MAX, and GigaComm Marking and Ordering Information Guide
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8002D Datasheet(HTML) 8 Page - ON Semiconductor

Back Button AND8002D Datasheet HTML 4Page - ON Semiconductor AND8002D Datasheet HTML 5Page - ON Semiconductor AND8002D Datasheet HTML 6Page - ON Semiconductor AND8002D Datasheet HTML 7Page - ON Semiconductor AND8002D Datasheet HTML 8Page - ON Semiconductor AND8002D Datasheet HTML 9Page - ON Semiconductor AND8002D Datasheet HTML 10Page - ON Semiconductor AND8002D Datasheet HTML 11Page - ON Semiconductor AND8002D Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AND8002/D
http://onsemi.com
8
APPENDICES: Device Marking Tables
The tables are grouped by family and package. The
“Device” column lists the device order number and the
“Marking” column lists the corresponding marking for the
device order number. The following appendices are
included in this application note:
Appendix 1: ECLinPS Device Order Number and
Marking Tables.
Appendix 2: ECLinPS Lite Device Order Number and
Marking Tables.
Appendix 3: ECLinPS Plus Device Order Number and
Marking Tables.
Appendix 4: ECLinPS MAX Device Order Number
and Marking Tables.
Appendix 5: GigaComm Device Order Number and
Marking Tables.
APPENDIX 1: ECLinPS Device Order Number and Marking
16 LEAD CDIP
L SUFFIX
CASE 620
DEVICE
MARKING
MC10E1651L
MC10E1651L
MC10E1652L
MC10E1652L
20 LEAD PLCC
FN SUFFIX
CASE 775
DEVICE
MARKING
MC10E1651FN
MC10E1651FN
MC10E1652FN
MC10E1652FN
28 LEAD PLCC
FN SUFFIX
CASE 776
DEVICE
MARKING
MC10E016FN
MC10E016FN
MC100E016FN
MC100E016FN
MC10E101FN
MC10E101FN
MC100E101FN
MC100E101FN
MC10E104FN
MC10E104FN
MC100E104FN
MC100E104FN
MC10E107FN
MC10E107FN
MC100E107FN
MC100E107FN
MC10E111FN
MC10E111FN
MC100E111FN
MC100E111FN
MC10E112FN
MC10E112FN
MC100E112FN
MC100E112FN
MC10E116FN
MC10E116FN
MC100E116FN
MC100E116FN
MC10E122FN
MC10E122FN
MC100E122FN
MC100E122FN
MC10E131FN
MC10E131FN
MC100E131FN
MC100E131FN
MC10E136FN
MC10E136FN
MC100E136FN
MC100E136FN
28 LEAD PLCC
FN SUFFIX
CASE 776 (continued)
DEVICE
MARKING
MC10E137FN
MC10E137FN
MC100E137FN
MC100E137FN
MC10E141FN
MC10E141FN
MC100E141FN
MC100E141FN
MC10E142FN
MC10E142FN
MC100E142FN
MC100E142FN
MC10E143FN
MC10E143FN
MC100E143FN
MC100E143FN
MC10E150FN
MC10E150FN
MC100E150FN
MC100E150FN
MC10E151FN
MC10E151FN
MC100E151FN
MC100E151FN
MC10E154FN
MC10E154FN
MC100E154FN
MC100E154FN
MC10E155FN
MC10E155FN
MC100E155FN
MC100E155FN
MC10E156FN
MC10E156FN
MC100E156FN
MC100E156FN
MC10E157FN
MC10E157FN
MC100E157FN
MC100E157FN
MC10E158FN
MC10E158FN
MC100E158FN
MC100E158FN
MC10E160FN
MC10E160FN
MC100E160FN
MC100E160FN
MC10E163FN
MC10E163FN
MC100E163FN
MC100E163FN
MC10E164FN
MC10E164FN
MC100E164FN
MC100E164FN
MC10E166FN
MC10E166FN
MC100E166FN
MC100E166FN


Similar Part No. - AND8002D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AND8002D ONSEMI-AND8002D Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
More results

Similar Description - AND8002D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AND8066 ONSEMI-AND8066 Datasheet
69Kb / 8P
   Interfacing with ECLinPS
May, 2002 ??Rev. 2
AND8009 ONSEMI-AND8009 Datasheet
192Kb / 67P
   ECLinPS Plus SPICE Modeling Kit
February, 2004 ??Rev. 10
AN1504 ONSEMI-AN1504 Datasheet
135Kb / 8P
   Metastability and the ECLinPS Family
November, 2004 ??Rev. 2
logo
List of Unclassifed Man...
C1D0112S-A ETC2-C1D0112S-A Datasheet
122Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
D2C-22 ETC2-D2C-22 Datasheet
84Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
logo
Xilinx, Inc
XC3S2000-5FGG456C XILINX-XC3S2000-5FGG456C Datasheet
5Mb / 272P
   Introduction and Ordering Information
XC3S5000-5FGG676C XILINX-XC3S5000-5FGG676C Datasheet
5Mb / 272P
   Introduction and Ordering Information
logo
List of Unclassifed Man...
D2-512 ETC2-D2-512 Datasheet
84Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
D2D-53 ETC2-D2D-53 Datasheet
88Kb / 3P
   SPECIFICATIONS AND ORDERING INFORMATION
logo
Altera Corporation
EPM ALTERA-EPM Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com