Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0402FR1056KL Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RC0402FR1056KL
Description  GENERAL PURPOSE CHIP RESISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RC0402FR1056KL Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RC0402FR1056KL Datasheet HTML 2Page - List of Unclassifed Manufacturers RC0402FR1056KL Datasheet HTML 3Page - List of Unclassifed Manufacturers RC0402FR1056KL Datasheet HTML 4Page - List of Unclassifed Manufacturers RC0402FR1056KL Datasheet HTML 5Page - List of Unclassifed Manufacturers RC0402FR1056KL Datasheet HTML 6Page - List of Unclassifed Manufacturers RC0402FR1056KL Datasheet HTML 7Page - List of Unclassifed Manufacturers RC0402FR1056KL Datasheet HTML 8Page - List of Unclassifed Manufacturers RC0402FR1056KL Datasheet HTML 9Page - List of Unclassifed Manufacturers RC0402FR1056KL Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.yageo.com
Sep 03, 2004 V.2
Product specification
Chip Resistor Surface Mount
8
10
SERIES
RC
0402 (Pb Free)
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Solderability
MIL-STD-202F-method 208A;
IEC 60115-1 4.17
Solder bath at 245±3 °C
Dipping time: 2±0.5 seconds
Well tinned (≥95% covered)
No visible damage
Bending
Strength
JIS C 5202.6.14;
IEC 60115-1 4.15
Resistors mounted on a 90 mm glass epoxy
resin PCB (FR4)
Bending: 5 mm
±(1.0%+0.05 Ω) for 1% tol.
±(1.0%+0.05 Ω) for 5% tol.
No visible damage
Resistance to
Solvent
MIL-STD-202F-method 215;
IEC 60115-1 4.29
lsopropylalcohol (C3H7OH) or dichloromethane
(CH2Cl2) followed by brushing
No smeared
Noise
JIS C 5202 5.9;
IEC 60115-1 4.12
Maximum voltage (Vrms) applied.
Resistors range
Value
R < 100 Ω
10 dB
100 Ω ≤ R < 1 KΩ
20 dB
1 KΩ ≤ R < 10 KΩ
30 dB
10 KΩ ≤ R < 100 KΩ
40 dB
100 KΩ ≤ R < 1 MΩ
46 dB
1 MΩ ≤ R ≤ 22 MΩ
48 dB
Humidity
(steady state)
JIS C 5202 7.5;
IEC 60115-8 4.24.8
1,000 hours; 40±2 °C; 93(+2/–3)% RH
RCWV applied for 1.5 hours on and 0.5 hour off
±(0.5%+0.05 Ω) for 1% tol.
±(2.0%+0.05 Ω) for 5% tol.
Leaching
EIA/IS 4.13B;
IEC 60115-8 4.18
Solder bath at 260±5 °C
Dipping time: 30±1 seconds
No visible damage
Intermittent
Overload
JIS C 5202 5.8
At room temperature; 2.5 × RCWV applied for
1 second on and 25 seconds off; total 10,000
cycles
±(1.0%+0.05 Ω) for 1% tol.
±(2.0%+0.05 Ω) for 5% tol.
Resistance to
Vibration
On request
On request
Moisture
Resistance
Heat
MIL-STD-202F-method 106F;
IEC 60115-1 4.24.2
42 cycles; total 1,000 hours
Shown as Fig. 8
±(0.5%+0.05Ω) for 1% tol.
±(2.0%+0.05Ω) for 5% tol.
No visible damage


Similar Part No. - RC0402FR1056KL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0402FR10180KL YAGEO-RC0402FR10180KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0402FR1056KL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com