Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1451A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MC1451A
Description  Advanced Step Motor Control Chipset
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MC1451A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MC1451A Datasheet HTML 1Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 2Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 3Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 4Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 5Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 6Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 7Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 8Page - List of Unclassifed Manufacturers MC1451A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
3
Product Family Overview
MC1401 series
MC1231 series
MC1241 series
MC1451 series
# of axes
4, 2, or 1
2 or 1
2 or 1
4, 2, or 1
Motors Supported
DC Servo
Brushless Servo
Stepper
Stepper
Encoder Format
Incremental (no dash version)
and Parallel ('-P' version)
Incremental
Incremental
Incremental*
Output Format
DC servo
Sinusoidally
commutated
Microstepping
Pulse and Direction
S-curve profiling
Yes
Yes
Yes
Yes
Electronic gearing
Yes
Yes
Yes
Yes
On-the-fly changes
Yes
Yes
Yes
Yes
Limit switches
Yes
Yes
Yes
Yes
PID & feedforward
Yes
Yes
-
-
PWM output
Yes
Yes
Yes
-
DAC-compatible output
Yes
Yes
Yes
-
Pulse & direction output
--
-
Yes
Index & Home signal
Yes
Yes
Yes
Yes
Chipset p/n's
MC1401A, MC1401A-P (4 axes)
MC1201A, MC1201A-P (2 axes)
MC1101A, MC1101A-P (1 axis)
MC1231A (2 axes)
MC1131A (1 axis)
MC1241A (2 axes)
MC1141A (1 axis)
MC1451A, MC1451A-E (4 axes)
MC1251A, MC1251A-E (2 axes)
MC1151A, MC1151A-E (1 axis)
Developer's Kit p/n's:
DK1401A, DK1401A-P
DK1231A
DK1241A
DK1451A
* optional using third I.C. ('-E' version)
Introduction
This manual describes the operational characteristics of the MC1451A,
MC1251A, MC1151A, MC1451A-E, MC1251A-E, and MC1151A-E
Motion Processors. These devices are members of PMD's 1st
generation motion processor family, which consists of 16 separate
products organized into four groups.
Each of these devices are complete chip-based motion controllers.
They provide trajectory generation and related motion control functions.
Depending on the type of motor controlled they provide servo loop
closure, on-board commutation for brushless motors, and high speed
pulse and direction outputs. Together these products provide a
software-compatible family of dedicated motion processor chips which
can handle a large variety of system configurations.
Each of these chips utilize a similar architecture, consisting of a high-
speed DSP (Digital Signal Processor) computation unit , along with an
ASIC (Application Specific Integrated Circuit). The computation unit
contains special on-board hardware such as a multiply instruction that
makes it well suited for the task of motion control.
Along with a similar hardware architecture these chips also share most
software commands, so that software written for one chipset may be re-
used with another, even though the type of motor may be different.
This manual describes the operation of the MC1451A, MC1251A,
MC1151A, MC1451A-E, MC1251A-E, and MC1151A-E chipsets. For
technical details on other members of PMD's first generation
motion processors see the corresponding product manual.
Family Summary
MC1401 series (MC1401A, MC1201A, MC1101A, MC1401A-P,
MC1201A-P, MC1101A-P) - These chipsets take in incremental
encoder signals (standard version) or parallel word encoder signals
(-P version) and output a motor command in either PWM or DAC-
compatible format. These chipsets come in 1, 2 or 4 axis versions
and can be used with DC brushed motors, or brushless motors using
external commutation.
MC1231 series (MC1231A, MC1131A) - These chipsets take in
incremental quadrature encoder signals and output sinusoidally
commutated motor signals appropriate for driving brushless motors.
They are available in one or two axis versions. Depending on the
motor type they output two or three phased signals per axis in either
PWM or DAC-compatible format.
MC1241 series (MC1241A, MC1141A) - These chipsets provide
internal microstepping generation for stepping motors. They are
available in a one or a two-axis version. Two phased signals are
output per axis in either PWM or DAC-compatible format. An
incremental encoder signal can be input to confirm motor position.
MC1451 series (MC1451A, MC1251A, MC1151A, MC1451A-E,
MC1251A-E, MC1151A-E) - These chipsets provide very high speed
pulse and direction signal output appropriate for driving step motor-
based systems. They are available in a one, two, or four-axis version
and are also available with quadrature encoder input.
Each of these chipsets has an associated Chipset Developer's
Kit available for it. For more information contact your PMD
representative.


Similar Part No. - MC1451A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC1451A ETC-MC1451A Datasheet
474Kb / 70P
   Advanced Brushless Motor Control Chipset
MC1451A-E ETC-MC1451A-E Datasheet
474Kb / 70P
   Advanced Brushless Motor Control Chipset
More results

Similar Description - MC1451A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC1231A ETC-MC1231A Datasheet
474Kb / 70P
   Advanced Brushless Motor Control Chipset
MC1141A ETC-MC1141A Datasheet
422Kb / 60P
   Advanced Microstepping Motion Control Chipset
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
   Advanced 3-Phase Motor Control IC
logo
Semtech Corporation
SX812X SEMTECH-SX812X Datasheet
546Kb / 17P
   1V Motor/LED control timer ADVANCED COMMUNICATIONS & SENSING
logo
Winbond
W83194BR-63S WINBOND-W83194BR-63S Datasheet
237Kb / 16P
   STEP-LESS CLOCK FOR SIS CHIPSET
logo
List of Unclassifed Man...
P-NUCLEO-IHM001 ETC2-P-NUCLEO-IHM001 Datasheet
633Kb / 4P
   STM32 Nucleo Pack FOC and 6-step motor control platform
logo
ON Semiconductor
LV8728MR ONSEMI-LV8728MR Datasheet
814Kb / 23P
   Stepper Motor Driver, PWM, Constant-Current Control,1/128 step
June 2016 - Rev. 1
logo
List of Unclassifed Man...
ST-57BYGH ETC2-ST-57BYGH Datasheet
43Kb / 2P
   1.8째HYBRID STEP MOTOR
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
logo
STMicroelectronics
STSPIN820 STMICROELECTRONICS-STSPIN820 Datasheet
585Kb / 29P
   Advanced 256 microsteps integrated motor driver with step-clock and direction interface
December 2017 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com