Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0402JR1310ML Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RC0402JR1310ML
Description  GENERAL PURPOSE CHIP RESISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RC0402JR1310ML Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RC0402JR1310ML Datasheet HTML 1Page - List of Unclassifed Manufacturers RC0402JR1310ML Datasheet HTML 2Page - List of Unclassifed Manufacturers RC0402JR1310ML Datasheet HTML 3Page - List of Unclassifed Manufacturers RC0402JR1310ML Datasheet HTML 4Page - List of Unclassifed Manufacturers RC0402JR1310ML Datasheet HTML 5Page - List of Unclassifed Manufacturers RC0402JR1310ML Datasheet HTML 6Page - List of Unclassifed Manufacturers RC0402JR1310ML Datasheet HTML 7Page - List of Unclassifed Manufacturers RC0402JR1310ML Datasheet HTML 8Page - List of Unclassifed Manufacturers RC0402JR1310ML Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.yageo.com
Sep 03, 2004 V.2
Product specification
Chip Resistor Surface Mount
4
10
SERIES
RC
0402 (Pb Free)
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
RC0402 1/16 W
Operating Temperature Range
–55 °C to +155 °C
Maximum Working Voltage
50 V
Maximum Overload Voltage
100 V
Dielectric Withstanding Voltage
100 V
5% (E24) 1 Ω to 10 MΩ
1% (E96) 1 Ω to 10 MΩ
Resistance Range
Zero Ohm Jumper < 0.05 Ω
10 Ω < R ≤ 10 MΩ
±100 ppm/°C
Temperature Coefficient
1 Ω < R ≤ 10 Ω
±200 ppm/°C
Rated Current
1.0 A
Jumper Criteria
Maximum Current
2.0 A
FOOTPRINT AND SOLDERING
PROFILES
For recommended footprint and
soldering profiles, please see the
special data sheet “Chip resistors
mounting”.
ENVIRONMENTAL DATA
For material declaration
information (IMDS-data) of the
products, please see the
separated info “Environmental
data”.
Table 2
PACKING STYLE AND PACKAGING QUANTITY
PRODUCT TYPE
PACKING STYLE
REEL DIMENSION
QUANTITY PER REEL
RC0402
Paper / PE Taping Reel (R)
7" (178 mm)
10,000 units
10" (254 mm) / not preferred
20,000 units
13" (330 mm)
50,000 units
NOTE
1. For Paper/PE tape and reel specification/dimensions, please see the special data sheet “Packing” document.
Table 3 Packing style and packaging quantity


Similar Part No. - RC0402JR1310ML

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0402JR13180KL YAGEO-RC0402JR13180KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0402JR1310ML

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com