Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C006 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C006
Description  16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C006 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C006 Datasheet HTML 3Page - Cypress Semiconductor CY7C006 Datasheet HTML 4Page - Cypress Semiconductor CY7C006 Datasheet HTML 5Page - Cypress Semiconductor CY7C006 Datasheet HTML 6Page - Cypress Semiconductor CY7C006 Datasheet HTML 7Page - Cypress Semiconductor CY7C006 Datasheet HTML 8Page - Cypress Semiconductor CY7C006 Datasheet HTML 9Page - Cypress Semiconductor CY7C006 Datasheet HTML 10Page - Cypress Semiconductor CY7C006 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CY7C006
CY7C016
7
INTERRUPT TIMING[13]
tINS
INT Set Time
15
25
25
30
ns
tINR
INT Reset Time
15
25
25
30
ns
SEMAPHORE TIMING
tSOP
SEM Flag Update Pulse (OE or SEM)
10
10
15
20
ns
tSWRD
SEM Flag Write to Read Time
5
5
5
5
ns
tSPS
SEM Flag Contention Window
5
5
5
5
ns
Switching Characteristics Over the Operating Range[7] (continued)
7C006-15
7C016-15
7C006-25
7C016-25
7C006-35
7C016-35
7C006-55
7C016-55
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Switching Waveforms
Notes:
15. R/W is HIGH for read cycle.
16. Device is continuously selected CE = LOW and OE = LOW. This waveform cannot be used for semaphore reads.
17. Address valid prior to or coincident with CE transition LOW.
18. CEL = L, SEM = H when accessing RAM. CE = H, SEM = L when accessing semaphores.
tRC
tAA
tOHA
DATA VALID
PREVIOUS DATA VALID
DATA OUT
ADDRESS
C006-10
Read Cycle No. 1 (Either Port Address Access)[15, 16]
tACE
tLZOE
tDOE
tHZOE
tHZCE
DATA VALID
DATA OUT
SEM or CE
OE
tLZCE
tPU
ICC
ISB
tPD
C006-11
Read Cycle No. 2 (Either Port CE/OE Access)[15, 17, 18]


Similar Part No. - CY7C006

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C006A CYPRESS-CY7C006A Datasheet
422Kb / 20P
   32K/16K x8, 32K/16K x9 Dual-Port Static RAM
CY7C006A-12AC CYPRESS-CY7C006A-12AC Datasheet
422Kb / 20P
   32K/16K x8, 32K/16K x9 Dual-Port Static RAM
CY7C006A-12JC CYPRESS-CY7C006A-12JC Datasheet
422Kb / 20P
   32K/16K x8, 32K/16K x9 Dual-Port Static RAM
CY7C006A-15AC CYPRESS-CY7C006A-15AC Datasheet
422Kb / 20P
   32K/16K x8, 32K/16K x9 Dual-Port Static RAM
CY7C006A-15JC CYPRESS-CY7C006A-15JC Datasheet
422Kb / 20P
   32K/16K x8, 32K/16K x9 Dual-Port Static RAM
More results

Similar Description - CY7C006

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C144 CYPRESS-CY7C144_09 Datasheet
657Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144 Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7B139 CYPRESS-CY7B139 Datasheet
530Kb / 14P
   4K x8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144E CYPRESS-CY7C144E Datasheet
557Kb / 23P
   8K 횞 8 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024E CYPRESS-CY7C024E Datasheet
431Kb / 22P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024A CYPRESS-CY7C024A Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024 Datasheet
702Kb / 20P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com