Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM54S258 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54S258
Description  TRI-STATE QUAD 1 OF 2 DATA SELECTORS / MULTIPLEXERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54S258 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DM54S258 Datasheet HTML 1Page - National Semiconductor (TI) DM54S258 Datasheet HTML 2Page - National Semiconductor (TI) DM54S258 Datasheet HTML 3Page - National Semiconductor (TI) DM54S258 Datasheet HTML 4Page - National Semiconductor (TI) DM54S258 Datasheet HTML 5Page - National Semiconductor (TI) DM54S258 Datasheet HTML 6Page - National Semiconductor (TI) DM54S258 Datasheet HTML 7Page - National Semiconductor (TI) DM54S258 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
’S258 Electrical Characteristics
over recommended operating free air temperature (unless otherwise noted) (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
IOZH
Off-State Output Current
VCC e Max VO e 24V
with High Level Output
VIH e Min VIL e Max
50
m
A
Voltage Applied
IOZL
Off-State Output Current with
VCC e Max VO e 05V
Low Level Output
VIH e Min VIL e Max
b
50
m
A
Voltage Applied
IOS
Short Circuit
VCC e Max
DM54
b
40
b
100
mA
Output Current
(Note 2)
DM74
b
40
b
100
ICCH
Supply Current with
VCC e Max
36
56
mA
Outputs High
(Note 3)
ICCL
Supply Current with
VCC e Max
52
81
mA
Outputs Low
(Note 3)
ICCZ
Supply Current with
VCC e Max
56
87
mA
Outputs Disabled
(Note 3)
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time and the duration should not exceed one second
Note 3
ICC is measured with all outputs open and all possible inputs grounded while achieving the stated output conditions
’S258 Switching Characteristics
at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From (Input)
RL e 280X
Symbol
Parameter
To (Output)
CL e 15 pF
CL e 50 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
Data to
69
ns
Low to High Level Output
Output
tPHL
Propagation Delay Time
Data to
69
ns
High to Low Level Output
Output
tPLH
Propagation Delay Time
Select to
12
15
ns
Low to High Level Output
Output
tPHL
Propagation Delay Time
Select to
12
15
ns
High to Low Level Output
Output
tPZH
Output Enable Time
Output
195
23
ns
to High Level Output
Control to Y
tPZL
Output Enable Time
Output
21
24
ns
to Low Level Output
Control to Y
tPHZ
Output Disable Time
Output
85
ns
to High Level Output (Note 1)
Control to Y
tPLZ
Output Disable Time
Output
14
ns
to Low Level Output (Note 1)
Control to Y
Note 1
CL e 5 pF
4


Similar Part No. - DM54S258

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54S251 NSC-DM54S251 Datasheet
121Kb / 6P
   TRI-STATE 1 of 8 Line Data Selector/Multiplexer
More results

Similar Description - DM54S258

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS257A NSC-54LS257A Datasheet
163Kb / 8P
   TRI-STATE Quad 2-Data Selectors/Multiplexers
logo
Texas Instruments
54LS257 TI1-54LS257 Datasheet
413Kb / 10P
[Old version datasheet]   TRI-STATE(RM) Quad 2-Data Selectors/Multiplexers
logo
National Semiconductor ...
DM74253 NSC-DM74253 Datasheet
167Kb / 4P
   TRI-STATE 1 of 8 Line Data Selectors/Multiplexers
DM74251 NSC-DM74251 Datasheet
188Kb / 4P
   TRI-STATE 1 of 8 Line Data Selectors/Multiplexers
54LS253 NSC-54LS253 Datasheet
158Kb / 6P
   TRI-STATE Data Selectors/Multiplexers
DM54LS251 NSC-DM54LS251 Datasheet
135Kb / 6P
   TRI-STATE Data Selectors/Multiplexers
DM54S157 NSC-DM54S157 Datasheet
128Kb / 5P
   QUAD 1 OF 2 LINE DATA SELECTORS/MULTIPLEXERS
logo
Fairchild Semiconductor
DM74LS257B FAIRCHILD-DM74LS257B Datasheet
56Kb / 5P
   3-STATE Quad 2-Data Selectors/Multiplexers
logo
Texas Instruments
SN54ALS157A TI-SN54ALS157A Datasheet
556Kb / 18P
[Old version datasheet]   QUADRUPLE 1-OF-2 DATA SELECTORS/MULTIPLEXERS
logo
Tachyonics CO,. LTD
SN54ALS157A TACHYONICS-SN54ALS157A_08 Datasheet
725Kb / 20P
   QUADRUPLE 1-OF-2 DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com