Electronic Components Datasheet Search |
|
VBNG6AF1815SNT100 Datasheet(PDF) 4 Page - ITT Industries |
|
VBNG6AF1815SNT100 Datasheet(HTML) 4 Page - ITT Industries |
4 / 45 page VEAM VBN 4 www.ittcannon.com Dimensions shown in mm Specifications and dimensions subject to change General Specifications Material Construction Shells & Coupling Ring Aluminum alloy Finish Cadmium free plating, conductive and non-conductive Insulator Thermoplastic, UL94-V0 meets NF F 16-101 / 16-102 standards Insulator Retaining Ring Copper alloy Interfacial Seal & Grommet Fire resistant silicone rubber Contacts Copper alloy with gold or silver plating Electrical Performance Insulation Resistance ≥5000 MΩ Withstanding Voltage 3250 VAC RMS in mated condition Contact Current Rating Contact Size Max Rated Current Rated at 85˚C* AWG at 20˚C* 16 22A 13A 12 41A 23A 8 73A 46A * single contact in isolation Environmental Performance Operating Temperature -40˚C to +100˚C per NF F 61-030 -40˚C to +125˚C (consult factory) Flame Retardant Rating UL94-V0 per NF F 16-101/16-102 Corrosion Resistance 96 hours per NF F 61-030 and VG95234 500 hours (consult factory) Water Protection IP67 in a mated condition when used with wire sealing grommet and sealing type backshell Fluid Resistance Gas, oil, mineral oil, acid bath per NF F 61-030 Mechanical Performance Durability 2000 mating cycles maximum Bayonet Coupling Torque Per VG95234 Shock Acceleration = 50g Duration = 11 ms per NF F 61-030 (NF C 20-727, NF C 93-400) Vibration Acceleration = 2g (NF F 60-002 / NF C 93-400) 20g (VG95234) Sinususoidal vibration = 10 / ±100 Hz Contact Retention 16 contact size = 70 N minimum 12 contact size = 90 N minimum 8 contact size = 110 N minimum |
Similar Part No. - VBNG6AF1815SNT100 |
|
Similar Description - VBNG6AF1815SNT100 |