Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CE71T7 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # CE71T7
Description  0.25um CMOS Technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

CE71T7 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  CE71T7 Datasheet HTML 1Page - Fujitsu Component Limited. CE71T7 Datasheet HTML 2Page - Fujitsu Component Limited. CE71T7 Datasheet HTML 3Page - Fujitsu Component Limited. CE71T7 Datasheet HTML 4Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PACKAGE AVAILABILITY
No. of Pins
Frame Size
Thin and Low Profile QFP Packages (0.4, 0.5 mm lead pitch)
100
K1, K2
120
K2, K3
144
K3, K4, K8, T2, T3
176
K4, K5, T3, T4
208
T4, T5, T6, T7, T8, T9
256
T8, T9, TA, TB, TC
Shrink QFP Package (0.5 mm lead pitch)
176
J1, J2, K4, K5
208
J3, J4, J5, K5, K6, K7, K8
240
J4, J5, J6, K6, K7, K8
Heatspreader QFP Package (0.4, 0.5 mm lead pitch)
208
J3, J4, J5, J6, J7, J8, J9, K5, K6, K7, K8
T4, T5, T6, T7, T8, T9
240
J4, J5, J6, J7, J8, J9, JA, K6, K7, K8, T6, T7, T8, T9, TA
256
J5, J6, J7, J8, J9, T7, T8, T9, TA, TB, TC
304
J7, J8, J9, JA, JB, JC, JD, JE, JF, JG, TB, TC, TD, TE, TG
Ball Grid Array (1.27 mm ball pitch)
256
J3, J4, T7, T8, T9, TA, TB
352
J6, J7, J8, TB, TC, TD
420
J8, J9, TD, TE
576
JA, JB
672
JC, JD
Fine-Pitch Ball Grid Array (0.75, 0.8 mm ball pitch)
144
T3
176
T3, T4
224
T5, T6, T7, T8, T9
288
T8, T9, TA, TB, TC
Tab Ball Grid Array (0.8, 1.0 mm ball pitch)
304
L4, L5
352
L5, L6, L7
480
L6, L7
560
L7, L8, LB, LC
660
L8, L9
720
L9, LA, LB, LC, LD, LE
0.25µm CMOS Technology
Fujitsu Microelectronics, Inc.


Similar Part No. - CE71T7

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CE70 CAMDENBOSS-CE70 Datasheet
874Kb / 1P
   30mm wide pre-wired limit switches
CE70.0.AM CAMDENBOSS-CE70.0.AM Datasheet
874Kb / 1P
   30mm wide pre-wired limit switches
CE70.0.BLM CAMDENBOSS-CE70.0.BLM Datasheet
874Kb / 1P
   30mm wide pre-wired limit switches
CE70.0.BM CAMDENBOSS-CE70.0.BM Datasheet
874Kb / 1P
   30mm wide pre-wired limit switches
CE70.0.EM CAMDENBOSS-CE70.0.EM Datasheet
874Kb / 1P
   30mm wide pre-wired limit switches
More results

Similar Description - CE71T7

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2107DW IKSEMICON-IK2107DW Datasheet
297Kb / 17P
   CMOS Technology
logo
Shenzhen Titan Micro El...
TM1628 TITAN-TM1628 Datasheet
418Kb / 14P
   CMOS Technology
logo
HB Electronic Component...
5XRGB-F2-F HB-5XRGB-F2-F Datasheet
159Kb / 3P
   CMOS Technology
5XRGB-F2-S HB-5XRGB-F2-S Datasheet
160Kb / 3P
   CMOS Technology
logo
Fujitsu Component Limit...
CE66 FUJITSU-CE66 Datasheet
29Kb / 2P
   0.35um CMOS Technology
CS200 FUJITSU-CS200 Datasheet
603Kb / 2P
   65nm CMOS Technology
logo
M/A-COM Technology Solu...
MADR-009190 MA-COM-MADR-009190 Datasheet
772Kb / 10P
   High Voltage CMOS Technology
logo
Micon Design Technology...
MDT75C272 MDTIC-MDT75C272 Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
MDT75C273 MDTIC-MDT75C273 Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
logo
Texas Instruments
TMS320C242 TI1-TMS320C242_09 Datasheet
902Kb / 74P
[Old version datasheet]   High-Performance Static CMOS Technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com