Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET3301PA Datasheet(PDF) 7 Page - Texas Instruments

Part # ONET3301PA
Description  155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET3301PA Datasheet(HTML) 7 Page - Texas Instruments

Back Button ONET3301PA Datasheet HTML 3Page - Texas Instruments ONET3301PA Datasheet HTML 4Page - Texas Instruments ONET3301PA Datasheet HTML 5Page - Texas Instruments ONET3301PA Datasheet HTML 6Page - Texas Instruments ONET3301PA Datasheet HTML 7Page - Texas Instruments ONET3301PA Datasheet HTML 8Page - Texas Instruments ONET3301PA Datasheet HTML 9Page - Texas Instruments ONET3301PA Datasheet HTML 10Page - Texas Instruments ONET3301PA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ONET3301PA
155Mbps TO 3.3Gbps LIMITING AMPLIFIER
SLLS603B − MARCH 2004 − REVISED DECEMBER 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Figure 4
VID − Differential Input Voltage − mVP-P
0
100
200
300
400
500
600
700
800
900
1
2345
6
DIFFERENTIAL OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
Figure 5
VID − Differential Input Voltage − mVP-P
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
RANDOM JITTER
vs
DIFFERENTIAL INPUT VOLTAGE
Figure 6
VID − Differential Input Voltage − mVP-P
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
10-18
100
10-2
10-4
10-6
10-8
10-10
10-12
10-14
10-16
BIT ERROR RATIO
vs
DIFFERENTIAL INPUT VOLTAGE
Figure 7
0
5
10
15
20
25
30
35
40
45
50
55
60
f − Frequency − MHz
SMALL SIGNAL GAIN
vs
FREQUENCY
0.01
0.1
10k
1
10
100
1k


Similar Part No. - ONET3301PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET3301PA TI-ONET3301PA Datasheet
924Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMTING AMPLIFIER
ONET3301PA TI-ONET3301PA Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PA TI-ONET3301PA Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTR TI-ONET3301PARGTR Datasheet
924Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMTING AMPLIFIER
ONET3301PARGTR TI-ONET3301PARGTR Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
More results

Similar Description - ONET3301PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET2511PA TI-ONET2511PA Datasheet
624Kb / 14P
[Old version datasheet]   155-mbps to 2.5-gbps Limiting amplifier
ONET2501PA TI-ONET2501PA Datasheet
187Kb / 8P
[Old version datasheet]   155-Mbps TO 2.5-Gbps LIMITING AMPLIFIER
ONET3301PARGTRG4 TI-ONET3301PARGTRG4 Datasheet
924Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMTING AMPLIFIER
ONET2501PARGTT TI-ONET2501PARGTT Datasheet
859Kb / 16P
[Old version datasheet]   155--Mbps To 2.5Gbps LIMITING AMPLIFIER
ONET4201PA TI-ONET4201PA Datasheet
867Kb / 17P
[Old version datasheet]   155 Mbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
logo
M/A-COM Technology Solu...
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
logo
Vitesse Semiconductor C...
VSC7965 VITESSE-VSC7965 Datasheet
1Mb / 2P
   PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
VSC7967 VITESSE-VSC7967 Datasheet
610Kb / 2P
   PON Integrated 155 Mbps to 2.5 Gbps Burst-mode Laser Driver and Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com